データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5216 データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL5216
部品情報  Four-Channel Programmable Digital DownConverter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5216 データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL5216 Datasheet HTML 7Page - Intersil Corporation ISL5216 Datasheet HTML 8Page - Intersil Corporation ISL5216 Datasheet HTML 9Page - Intersil Corporation ISL5216 Datasheet HTML 10Page - Intersil Corporation ISL5216 Datasheet HTML 11Page - Intersil Corporation ISL5216 Datasheet HTML 12Page - Intersil Corporation ISL5216 Datasheet HTML 13Page - Intersil Corporation ISL5216 Datasheet HTML 14Page - Intersil Corporation ISL5216 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
11
ISL5216
clock and Q * (-SIN) and Q * COS on the second clock cycle.
The first integrator of the CIC is enabled on both clock cycles
to add the two products. The rest of the stages are enabled
only on the first cycle.
In complex input mode, the input level detector uses only I
samples for its magnitude computation.
The CIC decimation counter is programmed for two times
the number of complex input samples. The exponent input
must be the same for I and Q for the floating point modes.
See IWA *000h for details on controlling the complex input
mode.
NCO/Mixer
After the input select/format section, the samples are
multiplied by quadrature sine wave samples from the carrier
NCO. The NCO has a 32-bit frequency control, providing
sub-hertz resolution at the maximum clock rate. The
quadrature sinusoids have exceptional purity. The purity of
the NCO should not be the determining factor for the
receiver dynamic range performance. The phase
quantization to the sine/cosine generator is 24 bits and the
amplitude quantization is 19 bits.
The carrier NCO center frequency is loaded via the µP bus.
The center frequency control is double buffered - the input
is loaded into a center frequency holding register via the µP
interface. The data is then transferred from the holding
register to the active register by a write to a address IWA
*006h or by a SYNCI signal, if loading via SYNCI is
enabled. To synchronize multiple channels, the carrier NCO
phase accumulator feedback can be zeroed on loading to
restart all of the NCOs at the same phase. A serial offset
frequency input is also available for each channel through
the D(15:0) parallel data input bus (if that bus is not needed
for data input). This is legacy support for HSP50210 type
tracking signals. See IWA=*000 and *004 for carrier offset
frequency parameters.
After the mixers, a PN (pseudo noise) signal can be added to
the data. This feature is provided for test and to digitally
reduce the input sensitivity and adjust the receiver range
(sensitivity). The effect is the same as increasing the noise
figure of the receiver, reducing its sensitivity and overall
dynamic range. For testing, the PN generator provides a
wideband signal which may be used to verify the frequency
response of a filter. The one bit PN data is scaled by a 16-bit
programmable scale factor. The overall range for the PN is 0
to 1/4 full scale (see IWA = *001h). A gain of 0 disables the
PN input. The PN value is formed as:
where S is the sign extension of the 16 bit PN gain register
value (IWA = *001H) times the PN chip value and the 16 X’s
refer to the PN gain register times the PN chip value.
The minimum, non-zero, PN value is 2-18 of full scale
(-108dBFS) on each axis (-105dBFS total). For an input noise
level of -75dBFS, this allows the SNR to be decreased in
steps of 1/8dB or less. The I and Q PN codes are offset in time
to decorrelate them. The PN code is selected and enabled in
the test control register (F800h). The PN is added to the signal
after the mix with the three sign bits aligned with the most
significant three bits of the signal, so the maximum level is -
12dBFS and the minimum, non-zero level is -108dBFS. The
PN code can be 215-1, 223-1 or 215-1 * 223-1.
CIC Filter
Next, the signal is filtered by a cascaded integrator/comb
(CIC) filter. A CIC filter is an efficient architecture for
decimation filtering. The power or magnitude squared
frequency response of the CIC filter is given by:
where
M = Number of delays (1 for the ISL5216)
N = Number of stages
and R = Decimation factor.
The passband frequency response for first (N=1) though fifth
(N=5) order CIC filters is plotted in Figure 13. The frequency
axis is normalized to fS/R, making fS/R = 1 the CIC output
sample rate. Figure 15 shows the frequency response for a
5th order filter but extends the frequency axis to fS/R = 3
(3 times the CIC output sample rate) to show alias rejection
for the out of band signals. Figure 14 uses information from
Figure 15 to provide the amplitude of the first (strongest)
alias as a function of the signal frequency or bandwidth from
DC. For example, with a 5th order CIC and fS/R = 0.125
(signal frequency is 1/8 the CIC output rate) Figure 14 shows
a first alias level of about -87 dB. Figure 14 is also listed in
table form in Table 51 (CIC Passband and Alias Levels).
The CIC filter order is programmable from 0 to 5. The CIC
may be bypassed by setting the CIC filter order to 0
(IWA = *004h bits 13:9 are all set equal to 1) and the CIC
barrel shift (IWA = *004h bits 19:14) to 45 decimal. The CIC
output rate must, however, be no more than CLKmax / 4
where CLKmax is the maximum clock frequency available on
the device (see electrical specifications section).
The integrator bit widths are 69, 62, 53, 44, and 34 for the
firstt through fifth stages, respectively, while the comb bit
widths are all 32. The integrators are sized for decimation
factors of up to 512 with five stages, 2048 with four stages,
32768 with three stages, and 65536 with one or two stages.
Higher decimations in the CIC should be avoided as they
will cause integrator overflow. In the ISL5216, the
PN VALUE
2-3 2-4
............
2-17 2-18
SSS
X
X
XXXXXXXXXXXX
X
X
Pf
()
πMf
()
sin
πf
R
-----


sin
------------------------




 2N
=


同様の部品番号 - ISL5216

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
ISL5216KI INTERSIL-ISL5216KI Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results

同様の説明 - ISL5216

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com