データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5640 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL5640
部品情報  3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5640 データシート(HTML) 3 Page - Intersil Corporation

  ISL5640 Datasheet HTML 1Page - Intersil Corporation ISL5640 Datasheet HTML 2Page - Intersil Corporation ISL5640 Datasheet HTML 3Page - Intersil Corporation ISL5640 Datasheet HTML 4Page - Intersil Corporation ISL5640 Datasheet HTML 5Page - Intersil Corporation ISL5640 Datasheet HTML 6Page - Intersil Corporation ISL5640 Datasheet HTML 7Page - Intersil Corporation ISL5640 Datasheet HTML 8Page - Intersil Corporation ISL5640 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3-3
Typical Application Schematic
ISL5640
ARE PLACED AS CLOSE
10
µF AND 0.1µF CAPS
QD7
QD6
QD5
QD4
QD3
QD2
QD1
QD0
BNC
CLOCK
10
µF
0.1
µF10µF
+
+
DGND
AGND
(7) VROUT
(6) QVRIN
ICLK (47)
DGND (16, 27, 34, 45)
(12,29,32) AGND
(LSB) QD0 (24)
QD1 (23)
QD2 (22)
QD3 (21)
QD4 (20)
QD5 (19)
QD6 (18)
(MSB) QD7 (17)
(13,30,31,48) AVCC DVCC (15, 28, 33, 46)
TO PART AS POSSIBLE
0.1
µF
3V
+3V
0.1
µF
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
(LSB) ID0 (37)
ID1 (38)
ID2 (39)
ID3 (40)
ID4 (31)
ID5 (42)
ID6 (43)
(MSB) ID7 (44)
IIN+
IIN-
(3) IIN-
(2) IIN+
QIN+
QIN-
(10) QIN-
(11) QIN+
QCLK (14)
S1 (8)
S2 (9)
S1
S2
DFS (4)
DFS
(5) IVRIN
ISL5640


同様の部品番号 - ISL5640

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL5627EVAL1 INTERSIL-ISL5627EVAL1 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627IN INTERSIL-ISL5627IN Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
More results

同様の説明 - ISL5640

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
   3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com