データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL56402IN データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL56402IN
部品情報  3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL56402IN データシート(HTML) 1 Page - Intersil Corporation

  ISL56402IN Datasheet HTML 1Page - Intersil Corporation ISL56402IN Datasheet HTML 2Page - Intersil Corporation ISL56402IN Datasheet HTML 3Page - Intersil Corporation ISL56402IN Datasheet HTML 4Page - Intersil Corporation ISL56402IN Datasheet HTML 5Page - Intersil Corporation ISL56402IN Datasheet HTML 6Page - Intersil Corporation ISL56402IN Datasheet HTML 7Page - Intersil Corporation ISL56402IN Datasheet HTML 8Page - Intersil Corporation ISL56402IN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
3-1
File Number
4657.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
ADVANCE INFORMATION
ISL5640
3V Dual 8-Bit, 20/40/60MSPS A/D
Converter with Internal Voltage Reference
The ISL5640 is a monolithic, dual 8-bit analog-to-digital
converter fabricated in an advanced CMOS process. It is
designed for high speed applications where integration,
bandwidth and accuracy are essential. The ISL5640
features a 9-stage pipeline architecture. The fully pipelined
architecture and an innovative input stage enable the
ISL5640 to accept a variety of input configurations, single-
ended or fully differential. Only one external clock is
necessary to drive both converters and an internal band-gap
voltage reference is provided. This allows the system
designer to realize an increased level of system integration
resulting in decreased cost and power dissipation.
The ISL5640 has excellent dynamic performance while
consuming less than 100mW power at 40MSPS. The A/D
only requires a single +3.0V power supply. Data output
latches are provided which present valid data to the output
bus with a latency of 5 clock cycles.
The ISL5640 is offered in 20MSPS, 30MSPS, 40MSPS and
60MSPS sampling rates.
Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . .40MSPS
• 7.4 Bits at fIN = 1MHz
• Low Power at 40MSPS. . . . . . . . . . . . . . . . . . . . . 100mW
• Power Down Mode . . . . . . . . . . . . . . . . . . . . . . . . . <1mW
• Wide Full Power Input Bandwidth. . . . . . . . . . . . . 250MHz
• SFDR at fIN = 1MHz. . . . . . . . . . . . . . . . . . . . . . . . . .55dB
• Excellent Channel-to-Channel Isolation . . . . . . . . . >75dB
• On-Chip Sample and Hold Amplifiers
• Internal Bandgap Voltage Reference . . . . . . . . . . . . 1.25V
• Single Supply Voltage Operation . . . . . . . . . . . . . . . +3.0V
• Offset Binary or Two’s Complement Output Format
• Dual 8-Bit A/D Converters on a Monolithic Chip
• Pin Compatible Upgrade to AD9288
Applications
• Wireless Local Loop
• PSK and QAM I&Q Demodulators
• Medical Imaging
• High Speed Data Acquisition
Pinout
48 LEAD LQFP
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG. NO.
SAMPLING
RATE
(MSPS)
ISL5640/2IN
-40 to 85 48 Ld LQFP
Q48.7x7
20
ISL5640/3IN
-40 to 85 48 Ld LQFP
Q48.7x7
30
ISL5640/4IN
-40 to 85 48 Ld LQFP
Q48.7x7
40
ISL5640/6IN
-40 to 85 48 Ld LQFP
Q48.7x7
60
ISL5640 EVAL
25
Evaluation Platform
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
N/C
N/C
GND
DVCC
GND
AVCC
AVCC
GND
DVCC
GND
N/C
N/C
GND
IIN+
IIN-
DFS
IVRIN
S1
S2
QIN-
QIN+
GND
VROUT
QVRIN
Data Sheet
June 2000


同様の部品番号 - ISL56402IN

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL5627EVAL1 INTERSIL-ISL5627EVAL1 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627IN INTERSIL-ISL5627IN Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
More results

同様の説明 - ISL56402IN

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
   3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com