データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR125 データシート(PDF) 9 Page - Analog Devices

部品番号 ADR125
部品情報  Precision, Micropower LDO Voltage References in TSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR125 データシート(HTML) 9 Page - Analog Devices

Back Button ADR125_15 Datasheet HTML 5Page - Analog Devices ADR125_15 Datasheet HTML 6Page - Analog Devices ADR125_15 Datasheet HTML 7Page - Analog Devices ADR125_15 Datasheet HTML 8Page - Analog Devices ADR125_15 Datasheet HTML 9Page - Analog Devices ADR125_15 Datasheet HTML 10Page - Analog Devices ADR125_15 Datasheet HTML 11Page - Analog Devices ADR125_15 Datasheet HTML 12Page - Analog Devices ADR125_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADR121/ADR125/ADR127
Rev. B | Page 9 of 20
6
0
–2
5
LOAD CURRENT (mA)
5
4
3
2
1
–1
01
23
4
+125°C
— +25°C
–40°C
Figure 14. ADR127 Supply Current vs. Load Current
6
0
–2
5
LOAD CURRENT (mA)
5
4
3
2
1
–1
01
23
4
+125°C
— +25°C
–40°C
Figure 15. ADR121 Supply Current vs. Load Current
6
0
–2
5
LOAD CURRENT (mA)
5
4
3
2
1
–1
01
23
4
+125°C
— +25°C
–40°C
Figure 16. ADR125 Supply Current vs. Load Current
0
–50
–40
125
TEMPERATURE (°C)
–40
–30
–20
–10
–25 –10
5
20
35
50
65
80
95
110
VIN = 2.7V TO 18V
Figure 17. ADR127 Line Regulation vs. Temperature
3
–3
–40
125
TEMPERATURE (°C)
–2
–1
0
2
–25 –10
5
20
35
50
65
80
95
110
1
VIN = 2.8V TO 18V
Figure 18. ADR121 Line Regulation vs. Temperature
6
–6
–40
125
TEMPERATURE (°C)
–4
–2
0
4
–25 –10
5
20
35
50
65
80
95
110
2
VIN = 5.3V TO 18V
Figure 19. ADR125 Line Regulation vs. Temperature


同様の部品番号 - ADR125_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR125AUJZ-R2 AD-ADR125AUJZ-R2 Datasheet
614Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. 0
ADR125AUJZ-R21 AD-ADR125AUJZ-R21 Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR125AUJZ-REEL7 AD-ADR125AUJZ-REEL7 Datasheet
614Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. 0
ADR125AUJZ-REEL71 AD-ADR125AUJZ-REEL71 Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR125BUJZ-REEL7 AD-ADR125BUJZ-REEL7 Datasheet
614Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. 0
More results

同様の説明 - ADR125_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR127 AD-ADR127_15 Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR121 AD-ADR121_15 Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR127BUJZ AD-ADR127BUJZ Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR121 AD-ADR121 Datasheet
614Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. 0
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com