データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR380ARTZ-REEL7 データシート(PDF) 6 Page - Analog Devices

部品番号 ADR380ARTZ-REEL7
部品情報  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR380ARTZ-REEL7 データシート(HTML) 6 Page - Analog Devices

Back Button ADR380ARTZ-REEL7 Datasheet HTML 2Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 3Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADR380/ADR381
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
2.042
2.044
2.046
2.048
2.050
2.052
2.054
SAMPLE 1
SAMPLE 2
SAMPLE 3
35
10
–15
–40
85
60
Figure 2. ADR380 Output Voltage vs. Temperature
TEMPERATURE (°C)
2.494
2.496
2.498
2.500
2.502
2.504
2.506
SAMPLE 1
SAMPLE 2
SAMPLE 3
–40
–15
10
35
60
85
Figure 3. ADR381 Output Voltage vs. Temperature
PPM (°C)
0
5
10
15
20
25
30
TOTAL NUMBER
OF DEVICES = 130
TEMPERATURE +25°C
–40°C
+85°C
+25°C
–11 –9 –7 –5 –3 –1
1
3
5
7
9
11 13 15 17 19
Figure 4. ADR380 Output Voltage Temperature Coefficient
PPM (°C)
0
10
20
30
40
50
60
TOTAL NUMBER
OF DEVICES IN
SAMPLE = 450
TEMPERATURE +25°C
–40°C
+85°C
+25°C
–11
–13
–15
–9 –7 –5 –3 –1
1357
9
11 13 15
Figure 5. ADR381 Output Voltage Temperature Coefficient
INPUT VOLTAGE (V)
2.5
5.0
7.5
10.0
12.5
15.0
+85°C
–40°C
+25°C
0
20
40
80
100
120
140
60
Figure 6. ADR380 Supply Current vs. Input Voltage
INPUT VOLTAGE (V)
2.5
5.0
7.5
10.0
12.5
15.0
+85°C
+25°C
0
20
40
80
100
120
140
60
–40°C
Figure 7. ADR381 Supply Current vs. Input Voltage


同様の部品番号 - ADR380ARTZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

同様の説明 - ADR380ARTZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com