データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR423 データシート(PDF) 5 Page - Analog Devices

部品番号 ADR423
部品情報  Ultraprecision, Low Noise Voltage References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR423 データシート(HTML) 5 Page - Analog Devices

  ADR423_15 Datasheet HTML 1Page - Analog Devices ADR423_15 Datasheet HTML 2Page - Analog Devices ADR423_15 Datasheet HTML 3Page - Analog Devices ADR423_15 Datasheet HTML 4Page - Analog Devices ADR423_15 Datasheet HTML 5Page - Analog Devices ADR423_15 Datasheet HTML 6Page - Analog Devices ADR423_15 Datasheet HTML 7Page - Analog Devices ADR423_15 Datasheet HTML 8Page - Analog Devices ADR423_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADR420/ADR421/ADR423/ADR425
Rev. J | Page 5 of 24
ADR421 ELECTRICAL SPECIFICATIONS
VIN = 5.0 V to 15.0 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
A Grade
2.497
2.500
2.503
V
B Grade
2.499
2.500
2.501
V
INITIAL ACCURACY1
VOUTERR
A Grade
−3
+3
mV
−0.12
+0.12
%
B Grade
−1
+1
mV
−0.04
+0.04
%
TEMPERATURE COEFFICIENT
TCVOUT
−40°C < TA < +125°C
A Grade
2
10
ppm/°C
B Grade
1
3
ppm/°C
SUPPLY VOLTAGE HEADROOM
VIN − VOUT
2
V
LINE REGULATION
∆VOUT/∆VIN
VIN = 5 V to 18 V,
−40°C < TA < +125°C
10
35
ppm/V
LOAD REGULATION
∆VOUT/∆IL
IL = 0 mA to 10 mA,
−40°C < TA < +125°C
70
ppm/mA
QUIESCENT CURRENT
IIN
No load
390
500
µA
−40°C < TA < +125°C
600
µA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10 Hz
1.75
µV p-p
VOLTAGE NOISE DENSITY
eN
1 kHz
80
nV/√Hz
TURN-ON SETTLING TIME
tR
10
µs
LONG-TERM STABILITY
∆VOUT
1000 hours
50
ppm
OUTPUT VOLTAGE HYSTERESIS
VOUT_HYS
40
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 1 kHz
−75
dB
SHORT CIRCUIT TO GND
ISC
27
mA
1
Initial accuracy does not include shift due to solder heat effect.


同様の部品番号 - ADR423_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR423AR AD-ADR423AR Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423AR-REEL7 AD-ADR423AR-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423ARM-REEL7 AD-ADR423ARM-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423ARMZ AD-ADR423ARMZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR423ARMZ-REEL7 AD-ADR423ARMZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

同様の説明 - ADR423_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com