データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5861 データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL5861
部品情報  12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5861 データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL5861 Datasheet HTML 5Page - Intersil Corporation ISL5861 Datasheet HTML 6Page - Intersil Corporation ISL5861 Datasheet HTML 7Page - Intersil Corporation ISL5861 Datasheet HTML 8Page - Intersil Corporation ISL5861 Datasheet HTML 9Page - Intersil Corporation ISL5861 Datasheet HTML 10Page - Intersil Corporation ISL5861 Datasheet HTML 11Page - Intersil Corporation ISL5861 Datasheet HTML 12Page - Intersil Corporation ISL5861 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Propagation Delay
The converter requires two clock rising edges for data to be
represented at the output. Each rising edge of the clock
captures the present data word and outputs the previous
data. The propagation delay is therefore 1/CLK, plus <2ns of
processing. See Figure 15.
Test Service
Intersil offers customer-specific testing of CommLink
converters with a service called Testdrive. To submit a
request, fill out the Testdrive form. The form can be found by
doing an ‘entire site search’ at www.intersil.com on the
words ‘DAC Testdrive’. Or, send a request to the technical
support center.
FIGURE 13. OUTPUT LOADING FOR DATASHEET
MEASUREMENTS
PIN 21
PIN 22
RDIFF
ISL5861
RLOAD
IOUTB
IOUTA
VOUT = (2 x IOUTA x REQ)V
LOAD SEEN BY THE TRANSFORMER
RLOAD REPRESENTS THE
1:1
REQ = 0.5 x (RLOAD // RDIFF)
AT EACH OUTPUT
FIGURE 14. ALTERNATIVE OUTPUT LOADING
PIN 21
PIN 22
ISL5861
IOUTB
IOUTA
VOUT = (2 x IOUTA x REQ)V
REQ = 0.5 x (RLOAD // RDIFF// RA), WHERE RA=RB
AT EACH OUTPUT
RLOAD
RDIFF
RA
RB
LOAD SEEN BY THE TRANSFORMER
RLOAD REPRESENTS THE
Timing Diagram
FIGURE 15. PROPAGATION DELAY, SETUP TIME, HOLD TIME AND MINIMUM PULSE WIDTH DIAGRAM
CLK
IOUT
50%
tPW1
tPW2
tSU
tHLD
tSU
tSU
tPD
tHLD
tHLD
D11-D0
W0
W1
W2
W3
OUTPUT=W0
OUTPUT=W1
tPD
OUTPUT=W-1
ISL5861


同様の部品番号 - ISL5861

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5861 INTERSIL-ISL5861 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861 INTERSIL-ISL5861 Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5861/2IA INTERSIL-ISL5861/2IA Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

同様の説明 - ISL5861

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5761 INTERSIL-ISL5761 Datasheet
1Mb / 13P
   10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
   Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
Renesas Technology Corp
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com