データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5123IH-T データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL5123IH-T
部品情報  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5123IH-T データシート(HTML) 1 Page - Intersil Corporation

  ISL5123IH-T Datasheet HTML 1Page - Intersil Corporation ISL5123IH-T Datasheet HTML 2Page - Intersil Corporation ISL5123IH-T Datasheet HTML 3Page - Intersil Corporation ISL5123IH-T Datasheet HTML 4Page - Intersil Corporation ISL5123IH-T Datasheet HTML 5Page - Intersil Corporation ISL5123IH-T Datasheet HTML 6Page - Intersil Corporation ISL5123IH-T Datasheet HTML 7Page - Intersil Corporation ISL5123IH-T Datasheet HTML 8Page - Intersil Corporation ISL5123IH-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6022.6
ISL5120, ISL5121, ISL5122, ISL5123
Low-Voltage, Single Supply, Dual SPST,
SPDT Analog Switches
The Intersil ISL5120, ISL5121, ISL5122, ISL5123 devices are
precision, bidirectional, dual analog switches designed to
operate from a single +2.7V to +12V supply. Targeted
applications include battery powered equipment that benefit
from the devices’ low power consumption (5
µW), low leakage
currents (100pA max), and fast switching speeds (tON = 28ns,
tOFF = 20ns). Cell phones, for example, often face ASIC
functionality limitations. The number of analog input or GPIO
pins may be limited and digital geometries are not well suited
to analog switch performance. This family of parts may be
used to “mux-in” additional functionality while reducing ASIC
design risk. Some of the smallest packages are available,
alleviating board space limitations, and making Intersil’s
newest line of low-voltage switches an ideal solution.
The ISL5120, ISL5121, ISL5122 are dual single-pole/single-
throw (SPST) devices. The ISL5120 has two normally open
(NO) switches; the ISL5121 has two normally closed (NC)
switches; the ISL5122 has one NO and one NC switch and
can be used as an SPDT. The ISL5123 is a committed SPDT,
which is perfect for use in 2-to-1 multiplexer applications.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Features
• Improved (lower RON, faster switching), pin compatible
replacements for ISL84541–44
• Fully specified at 3.3V, 5V, and 12V supplies
• ON resistance (RON) . . . . . . . . . . . . . . . . . . . . . . . . . 19Ω
•RON matching between channels . . . . . . . . . . . . . . . . . ≤ 1Ω
• Low charge injection . . . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Single supply operation . . . . . . . . . . . . . . . . . .+2.7V to +12V
• Low power consumption (PD) . . . . . . . . . . . . . . . . . . . .<5µW
• Low leakage current. . . . . . . . . . . . . . . . . . . . . . . . . .10nA
• Fast switching action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
• Guaranteed break-before-make (ISL5122/ISL5123 only)
• Minimum 2000V ESD protection per method 3015.7
• TTL, CMOS compatible
• Available in SOT-23 packaging
• Pb-Free Available (RoHS Compliant)
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Communications systems
- Military radios
- PBX, PABX
• Test equipment
- Ultrasound
- Electrocardiograph
• Heads-up displays
• Audio and video switching
• Various circuits
- +3V/+5V DACs and ADCs
- Sample and hold circuits
- Digital filters
- Operational amplifier gain switching networks
- High frequency analog switching
- High speed multiplexing
- Integrator reset circuits
TABLE 1. FEATURES AT A GLANCE
ISL5120
ISL5121
ISL5122
ISL5123
Number of
Switches
22
2
1
SW 1/SW 2
NO/NO
NC/NC
NO/NC
SPDT
3.3V RON
32
32
32
32
3.3V tON/tOFF 40ns /20ns 40ns /20ns 40ns /20ns 40ns /20ns
5V RON
19
19
19
19
5V tON/tOFF 28ns/2y0ns 28ns/20ns 28ns/20ns 28ns/20ns
12V RON
11
11
11
11
12V tON/tOFF 25ns/17ns 25ns/17ns 25ns/17ns 25ns/17ns
Packages
8 Ld SOIC,
8 Ld SOT-23
8 Ld SOIC,
8 Ld SOT-23
8 Ld SOIC,
6 Ld SOT-23
Data Sheet
November 17, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002-2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL5123IH-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL5123IHZ-T RENESAS-ISL5123IHZ-T Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

同様の説明 - ISL5123IH-T

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com