データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5122CBZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL5122CBZ
部品情報  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5122CBZ データシート(HTML) 5 Page - Intersil Corporation

  ISL5122CBZ Datasheet HTML 1Page - Intersil Corporation ISL5122CBZ Datasheet HTML 2Page - Intersil Corporation ISL5122CBZ Datasheet HTML 3Page - Intersil Corporation ISL5122CBZ Datasheet HTML 4Page - Intersil Corporation ISL5122CBZ Datasheet HTML 5Page - Intersil Corporation ISL5122CBZ Datasheet HTML 6Page - Intersil Corporation ISL5122CBZ Datasheet HTML 7Page - Intersil Corporation ISL5122CBZ Datasheet HTML 8Page - Intersil Corporation ISL5122CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6022.6
November 17, 2004
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
60
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
8
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7)
25
-
8
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7),
ISL5120/1/2
25
-
21
-
pF
f = 1MHz, VNO or VNC = VCOM = 0V, (See Figure 7),
ISL5123
25
-
28
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2.7
12
V
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+, all channels on or off
Full
-1
0.0001
1
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
-
-
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-1
-
1
µA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25°C.
Electrical Specifications - 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 3V, ICOM = 1.0mA, VNO or VNC = 1.5V
25
-
32
50
Full
-
40
60
RON Matching Between Channels,
∆RON
V+ = 3.3V, ICOM = 1.0mA, VNO or VNC = 1.5V
25
-
0.8
2
Full
-
1
4
RON Flatness, RFLAT(ON)
V+ = 3.3V, ICOM = 1.0mA, VNO or VNC = 0.5V, 1V, 1.5V
25
-
6
8
Full
-
7
12
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.6V, VCOM = 1V, 3V, VNO or VNC = 3V, 1V,
(Note 7)
25
-0.1
0.01
0.1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 3.6V, VCOM = 3V, 1V, VNO or VNC = 1V, 3V,
(Note 7)
25
-0.1
0.01
0.1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 3.6V, VCOM = 1V, 3V, or VNO or VNC = 1V, 3V, or
floating, (Note 7)
25
-0.2
-
0.2
nA
Full
-10
-
10
nA
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 6)
MIN
TYP
(NOTE 6)
MAX
UNITS
ISL5120, ISL5121, ISL5122, ISL5123


同様の部品番号 - ISL5122CBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL5122CBZ RENESAS-ISL5122CBZ Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5122CBZ-T RENESAS-ISL5122CBZ-T Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

同様の説明 - ISL5122CBZ

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com