データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5513CD データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 SI5513CD
部品情報  Complementary Enhancement MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI5513CD データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI5513CD Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI5513CD Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI5513CD Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI5513CD Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI5513CD Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI5513CD Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Complementary Enhancement MOSFET
SI5513CD (KI5513CD)
Parameter
Symbol
Test Conditions
Type Min
Typ
Max
Unit
ID=250μA, VGS=0V
N-CH 20
ID=-250μA, VGS=0V
P-CH -20
VDS=20V, VGS=0V
N-CH
300
VDS=-20V, VGS=0V
P-CH
-300
VDS=0V, VGS=±12V
N-CH
±
100
VDS=0V, VGS=±12V
P-CH
±
100
VDS=VGS , ID=250μA
N-CH 0.62 0.75
1.0
VDS=VGS, ID=-250μA
P-CH -0.5
VGS=4.5V, ID=3.5A
25
35
VGS=2.5V, ID=2.5A
34
50
VGS=1.8V, ID=2A
64
90
VGS=-4.5V, ID=-2.8A
80
85
VGS=-2.5V, ID=-2A
95
115
VGS=-1.8V, ID=-2A
117
150
VDS=5V, ID=3A
N-CH
16
VDS=-5V, ID=-2.5A
P-CH
13
N-CH
522.3
N-Channel:
P-CH
589
VGS=8V, VDS=0V, f=1MHz
N-CH
98.48
P-Channel:
P-CH
91.18
VGS=0V, VDS=-10V, f=1MHz
N-CH
74.69
P-CH
67.18
N-CH
6.24 8.11
N-Channel:
P-CH
6.55 8.52
VGS=4.5V, VDS=10V, ID=4A
N-CH
1.64 2.13
P-Channel:
P-CH
0.31
0.4
VGS=-4.5V, VDS=-6V, ID=-2.5A
N-CH
1.34 1.74
P-CH
1.3
1.69
N-CH
10.4 20.8
N-Channel:
P-CH
9.72 19.44
VGS=4.5V, VDS=10V, ID=1A, RGEN=6Ω
N-CH
4.4
8.8
P-CH
3.56 7.12
P-Channel:
N-CH
27.38 54.72
VGS=-4.5V, VDS=-6V, ID=-1A, RGEN=6Ω P-CH
33.32 66.64
N-CH
4.16 8.32
P-CH
4.52 9.04
N-CH
1.7
P-CH
-1.6
IS=1.7A,VGS=0V
N-CH
0.74
1.0
IS=-1.6A,VGS=0V
P-CH 0.6
-0.8
-1.2
V
Reverse Transfer Capacitance
Turn-On DelayTime
Turn-Off Fall Time
Forward Transconductance
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Input Capacitance
Output Capacitance
Gate Threshold Voltage
VGS(th)
V
N-CH
RDS(On)
Static Drain-Source On-Resistance
P-CH
tf
td(on)
tr
td(off)
Drain-Source Breakdown Voltage
VDSS
V
Gate-Body Leakage Current
IGSS
nA
Zero Gate Voltage Drain Current
IDSS
n
A
Crss
S
pF
nC
Qg
Qgs
Qgd
gFS
Ciss
Coss
A
ns
Turn-On Rise Time
Turn-Off DelayTime
Maximum Body-Diode Continuous Current
Diode Forward Voltage
VSD
IS
Electrical Characteristics Ta = 25℃


同様の部品番号 - SI5513CD

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI5513CDC VISHAY-SI5513CDC Datasheet
144Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Oct-08
SI5513CDC VISHAY-SI5513CDC Datasheet
274Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Mar-10
SI5513CDC VISHAY-SI5513CDC Datasheet
280Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI5513CDC-T1-E3 VISHAY-SI5513CDC-T1-E3 Datasheet
144Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Oct-08
SI5513CDC-T1-E3 VISHAY-SI5513CDC-T1-E3 Datasheet
274Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. C, 08-Mar-10
More results

同様の説明 - SI5513CD

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSM4539D TSC-TSM4539D Datasheet
73Kb / 4P
   Complementary Enhancement MOSFET
logo
Unisonic Technologies
UTT2N10 UTC-UTT2N10 Datasheet
200Kb / 3P
   COMPLEMENTARY ENHANCEMENT MODE MOSFET
logo
Central Semiconductor C...
CMLDM7585 CENTRAL-CMLDM7585_15 Datasheet
1Mb / 5P
   ENHANCEMENT-MODE COMPLEMENTARY MOSFET
CMLDM3757 CENTRAL-CMLDM3757_15 Datasheet
1Mb / 5P
   ENHANCEMENT-MODE COMPLEMENTARY MOSFET
CMLDM7484 CENTRAL-CMLDM7484_15 Datasheet
606Kb / 3P
   ENHANCEMENT-MODE COMPLEMENTARY MOSFET
logo
Zetex Semiconductors
ZXMC4A16DN8 ZETEX-ZXMC4A16DN8 Datasheet
186Kb / 10P
   COMPLEMENTARY 40V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
   COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com