データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1020 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 2SA1020
部品情報  PNP Plastic Encapsulated Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1020 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1020_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1020_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SA1020_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1020
-2A, -50V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
31-Dec-2010 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power amplifier applications
CLASSIFICATION OF hFE(1)
Product-Rank
2SA1020-O
2SA1020-Y
Range
70-140
120-240
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-2
A
Collector Power Dissipation
PC
900
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-50
-
-
V
IC= -100μA, IE = 0A
Collector to Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC= -10mA, IB = 0A
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -100μA, IC = 0A
Collector Cut-Off Current
ICBO
-
-
-1
μA
VCB= -50 V, IE = 0 A
Emitter Cut-Off Current
IEBO
-
-
-1
μA
VEB= -5 V, IC = 0 A
DC Current Gain
hFE(1)
70
-
240
VCE= -2V, IC= -0.5A
hFE(2)
40
-
-
VCE= -2V, IC= -1.5A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.5
V
IC= -1A, IB= -50mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1.2
V
IC= -1A, IB= -50mA
Transition Frequency
fT
-
100
-
MHz
VCE = -2V, IC = -500mA
Collector Output Capacitance
Cob
-
40
-
pF
VCB = -10V, IE = 0 A, f=1MHz
Turn-on Time
Ton
-
0.1
-
μs
VCC= -30V
IB1= -IB2= -0.05A
IC= -1A
Storage Time
Ts
-
1
-
Fall Time
Tf
-
0.1
-
TO-92MOD
Emitter
Collector
Base
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.50
6.50
H
1.70
2.05
B
8.00
9.00
J
2.70
3.20
C
12.70
14.50
K
0.85
1.15
D
4.50
5.30
L
1.60 Max
E
0.35
0.65
M
0.00
0.40
F
0.30
0.51
N
4.00 Min
G
1.50 TYP.
A
C
E
K
F
D
B
G
H
J
L
M
N


同様の部品番号 - 2SA1020_15

メーカー部品番号データシート部品情報
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
   PNP Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SA1020 SECOS-2SA1020_10 Datasheet
427Kb / 3P
   PNP Plastic Encapsulated Transistor
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_11 Datasheet
549Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
More results

同様の説明 - 2SA1020_15

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com