データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT64-3 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 BAT64-3
部品情報  Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT64-3 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT64-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT64-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Features
For low-loss, fast-recovery, meter protection,
bias isolation and clamping applications
Integrated diffused guard ring
Low forward voltage
Absolute Maximum Ratings Ta = 25℃
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
40
V
IF= 1 mA
350
IF= 10 mA
430
IF= 30 mA
520
IF= 100 mA
750
Reverse voltage leakage current
IR
VR=25 V
2
uA
Capacitance between terminals
CT
VR= 1 V, f= 1 MHz
6
pF
Forward voltage
VF
mV
Marking
Parameter
Symbol
Rating
Unit
Peak Reverse Voltage
VRM
40
DC Reverse Voltage
VR
40
Forward Current
IF
250
Non-repetitive Peak forward surge current @t=8.3ms
IFSM
800
Power Dissipation
PD
250
mW
Thermal Resistance Junction to Ambient
RθJA
400
/W
Junction Temperature
TJ
125
Storage Temperature range
Tstg
-55 to 150
V
mA
Schottky Diodes
BAT64-04/05/06 (KAT64-04/05/06)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02
BAT64-05
BAT64-06
Type
BAT64
BAT64-04
BAT64-05
BAT64-06
Marking
63S
64S
65S
66S
BAT64-04
BAT64


同様の部品番号 - BAT64-3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BAT64-02V INFINEON-BAT64-02V Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
BAT64-02V INFINEON-BAT64-02V Datasheet
1Mb / 13P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2014-02-11
BAT64-02W INFINEON-BAT64-02W Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
BAT64-02W INFINEON-BAT64-02W Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT64-02W INFINEON-BAT64-02W Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
More results

同様の説明 - BAT64-3

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com