データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3000 データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 2SK3000
部品情報  Silicon N Channel MOS FET Low Frequency Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3000 データシート(HTML) 2 Page - Renesas Technology Corp

  2SK3000_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3000_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK3000
R07DS1134EJ0400 Rev.4.00
Page 2 of 7
Jan 10, 2014
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
40
60
V
ID = 100
μA, VGS = 0
Drain to source voltage
VDS(SUS)
40
V
L = 100
μH, ID = 3 A
Gate to source breakdown voltage
V(BR)GSS
±10
V
IG = ±100
μA, VDS = 0
Zero gate voltage drain current
IDSS
1.0
μA
VDS = 40 V, VGS = 0
Gate to source leak current
IGSS
±5
μA
VGS = ±6.5V, VDS = 0
Gate to source cutoff voltage
VGS(off)
1.1
2.1
V
ID = 10
μA, VDS = 5 V
Forward transfer admittance
|yfs|
0.5
1.2
S
ID = 450 mA, VDS = 10 V
Note3
Static drain to source on state
resistance
RDS(on)
0.24
0.5
Ω
ID = 450 mA, VGS = 4V
Note3
RDS(on)
0.16
0.3
Ω
ID = 450 mA, VGS = 10 V
Note3
Input capacitance
Ciss
14.0
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Output capacitance
Coss
68
pF
Reverse transfer capacitance
Crss
3.0
pF
Turn-on delay time
td(on)
0.12
μs
VGS = 4 V, ID = 450 mA
RL = 22
Ω
Rise time
tr
0.6
μs
Turn-off delay time
td(off)
1.7
μs
Fall time
tf
1.4
μs
Notes: 3. Pulse test


同様の部品番号 - 2SK3000_15

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SK3000-3 KEXIN-2SK3000-3 Datasheet
146Kb / 4P
   N-Channel Enhancement MOSFET
More results

同様の説明 - 2SK3000_15

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK2570 HITACHI-2SK2570 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET Low Frequency Power Switching
2SK3000 HITACHI-2SK3000 Datasheet
47Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com