データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5391 データシート(PDF) 1 Page - Yea Shin Technology Co., Ltd

部品番号 1N5391
部品情報  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YEASHIN [Yea Shin Technology Co., Ltd]
ホームページ  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5391 データシート(HTML) 1 Page - Yea Shin Technology Co., Ltd

  1N5391 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N5391 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLASTIC SILICON RECTIFIER
VOLTAGE- 50 to 1000 Volts CURRENT - 1.5 Amperes
FE ATURES
Plastic package has Underwriters Laboratories
Flammability Classification 94V-Outilizing
1.5 Ampere operation at TL =70 ° C with no
thermal runaway .
Exceeds env ironmental standards of MIL-S-19500/228
Low leakage .
• High temperature soldering : 260 ° C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
env ironment su bst ance directive request
MECHAN ICAL DATA
Case: Molded plastic, DO- 15
Termina ls: Axial leads, solderable to MIL-STD-202,Method 208
Polari ty: Color Band denotes cathode end
Mounting Position : Any
MAXIM UM R ATINGS AND ELECTRICA L CH ARACTERISTI CS
Ratings at 25°C ambient
temperature unless
otherwise specified.
Resistive or
inductive load, 60Hz, Single phase , hal f w a
v e,
For capaci tive load, derate
curr ent by 20%
1N5391
1N539
1N5393 1N5394
1N5395
1N5396
1N5397 1N5398
1N5399
UNIT
50
100
200
300
400
500
600
800
1000
V
35
70
140
210
280
350
420
560
700
V
50
100
200
300
400
500
600
800
1000
V
Average Forward
Current .375"(9 .5 mm)
lead length at TA=75°C
1.5
A
sine- wave superimposed on rated
50
A
1.1
V
5.0
µA
500
µA
Typical Junction capacitance (Note 1)
25.0
pF
26.0
°C / W
-55 to+150
NOTES
1 Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
DO-15
Unit:inch(mm)
.034( .8 6)
.028( .
7 1)
.140 (3.6)
.104 (2.6)
.300 (7 .6 )
.230 (5 .8 )
DIA.
DIA.
1.0 (25.4)
M IN.
1.0 (25.4)
MIN.
SEMICONDUCTOR
DATA SHEET
http://www.yeashin.com
1
REV.03 20150105
1N5391 THRU 1N5399
Maximum Recurrent Peak Reverse voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum
Peak Forward Surge Current,IFM(surge):
8.3ms single half
load(JEDEC method)
Maximum Forward Voltage at 1.5A DC
Maximum DC Reverse Current at Rated DC
Blocking
Voltage TA=25 °C
Maximum DC Reverse Current at Rated DC
Blocking
Voltage TA=100 °C
Typical Junction Resistance(Note 2)
Operating and Storage Temperature
Range
Symbols
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
IR
°C
R JA
TJ,TSTG
CJ
θ


同様の部品番号 - 1N5391

メーカー部品番号データシート部品情報
logo
Yangzhou yangjie electr...
1N5391 YANGJIE-1N5391 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
1N5391 SAMYANG-1N5391 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Goodwork Semiconductor ...
1N5391 GWSEMI-1N5391 Datasheet
65Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-15)
More results

同様の説明 - 1N5391

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com