データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LK1005R56K-TV データシート(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 LK1005R56K-TV
部品情報  Multilayer Chip Inductors for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LK1005R56K-TV データシート(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LK1005R56K-TV Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS (High Reliability Application)
Multilayer Chip Inductors for Automotive / Industrial Applications (LK series)
LK1005R56K-TV
Features
Item Summary
0.56μH(±10%), 0402
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping 10000pcs
Products characteristics table
CaseSize (EIA/JIS)
0402/1005
Inductance
0.56μH(±10%)
Inductance Measuring Frequency
10MHz
DC Resistance (max)
0.47Ω
Self-resonant Frequency (min)
75MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
1mm ±0.05
W
0.5mm ±0.05
H
0.5mm ±0.05
2015.04.07
1 / 1


同様の部品番号 - LK1005R56K-TV

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
LK1005R56K-T TAIYO-YUDEN-LK1005R56K-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors (LK series)
LK1005R56K-T TAIYO-YUDEN-LK1005R56K-T Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
LK1005R56K-T8 TAIYO-YUDEN-LK1005R56K-T8 Datasheet
276Kb / 2P
   Multilayer Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LK series)
LK1005R56K-T TAIYO-YUDEN-LK1005R56K-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Inductors (LK series)
More results

同様の説明 - LK1005R56K-TV

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
LK10051R5K-TV TAIYO-YUDEN-LK10051R5K-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK10051R2M-TV TAIYO-YUDEN-LK10051R2M-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R47K-TV TAIYO-YUDEN-LK1005R47K-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R47M-TV TAIYO-YUDEN-LK1005R47M-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R18M-TV TAIYO-YUDEN-LK1005R18M-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK10051R2K-TV TAIYO-YUDEN-LK10051R2K-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
LK10051R8M-TV TAIYO-YUDEN-LK10051R8M-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK10052R2M-TV TAIYO-YUDEN-LK10052R2M-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R12K-TV TAIYO-YUDEN-LK1005R12K-TV Datasheet
137Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R15M-TV TAIYO-YUDEN-LK1005R15M-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
LK1005R82M-TV TAIYO-YUDEN-LK1005R82M-TV Datasheet
142Kb / 1P
   Multilayer Chip Inductors for Automotive
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com