データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM3300 データシート(PDF) 1 Page - Analog Devices

部品番号 ADUM3300
部品情報  Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM3300 データシート(HTML) 1 Page - Analog Devices

  ADUM3300_15 Datasheet HTML 1Page - Analog Devices ADUM3300_15 Datasheet HTML 2Page - Analog Devices ADUM3300_15 Datasheet HTML 3Page - Analog Devices ADUM3300_15 Datasheet HTML 4Page - Analog Devices ADUM3300_15 Datasheet HTML 5Page - Analog Devices ADUM3300_15 Datasheet HTML 6Page - Analog Devices ADUM3300_15 Datasheet HTML 7Page - Analog Devices ADUM3300_15 Datasheet HTML 8Page - Analog Devices ADUM3300_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Triple-Channel, Digital Isolators,
Enhanced System-Level ESD Reliability
Data Sheet
ADuM3300/ADuM3301
FEATURES
Enhanced system-level ESD performance per IEC 61000-4-x
Low power operation
5 V operation
2.0 mA per channel maximum at 0 Mbps to 2 Mbps
4.1 mA per channel maximum at 10 Mbps
36 mA per channel maximum at 90 Mbps
3 V operation
1.0 mA per channel maximum at 0 Mbps to 2 Mbps
2.8 mA per channel maximum at 10 Mbps
17 mA per channel maximum at 90 Mbps
Bidirectional communication
3 V/5 V level translation
High temperature operation: 105°C
High data rate: dc to 90 Mbps (NRZ)
Precise timing characteristics
2 ns maximum pulse width distortion
2 ns maximum channel-to-channel matching
High common-mode transient immunity: >25 kV/μs
Output enable function
16-lead SOIC wide body, RoHS-compliant package
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 560 V peak
APPLICATIONS
General-purpose multichannel isolation
SPI interface/data converter isolation
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
GENERAL DESCRIPTION
The ADuM330x1 are 3-channel digital isolators based on the
Analog Devices, Inc., iCoupler® technology. Combining high
speed CMOS and monolithic air core transformer technology,
these isolation components provide outstanding performance
characteristics superior to alternatives, such as optocoupler devices.
iCoupler devices remove the design difficulties commonly
associated with optocouplers. Typical optocoupler concerns
regarding uncertain current transfer ratios, nonlinear transfer
functions, and temperature and lifetime effects are eliminated
with the simple iCoupler digital interfaces and stable performance
characteristics. The need for external drivers and other discrete
components is eliminated with these iCoupler products.
Furthermore, iCoupler devices consume one-tenth to one-sixth
the power of optocouplers at comparable signal data rates.
The ADuM330x isolators provide three independent isolation
channels in a variety of channel configurations and data rates
(see the Ordering Guide). All models operate with the supply
voltage on either side ranging from 2.7 V to 5.5 V, providing
compatibility with lower voltage systems as well as enabling a
voltage translation functionality across the isolation barrier. The
ADuM330x isolators have a patented refresh feature that ensures
dc correctness in the absence of input logic transitions and
during power-up/power-down conditions.
In comparison to ADuM130x isolators, ADuM330x isolators
contain various circuit and layout changes to provide increased
capability relative to system-level IEC 61000-4-x testing (ESD,
burst, and surge). The precise capability in these tests for either
the ADuM130x or ADuM330x products is strongly determined
by the design and layout of the user’s system.
1
Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329.
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VIC
NC
NC
GND1
VDD2
GND2
VOA
VOB
VOC
NC
VE2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 1. ADuM3300 Functional Block Diagram
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VOC
NC
VE1
GND1
VDD2
GND2
VOA
VOB
VIC
NC
VE2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 2. ADuM3301 Functional Block Diagram
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


同様の部品番号 - ADUM3300_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3300ARWZ AD-ADUM3300ARWZ Datasheet
469Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADuM3300ARWZ AD-ADuM3300ARWZ Datasheet
349Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. B
ADUM3300BRWZ AD-ADUM3300BRWZ Datasheet
469Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADuM3300BRWZ AD-ADuM3300BRWZ Datasheet
349Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. B
ADUM3300CRWZ AD-ADUM3300CRWZ Datasheet
469Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
More results

同様の説明 - ADUM3300_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3301 AD-ADUM3301_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3301CRWZ-RL AD-ADUM3301CRWZ-RL Datasheet
349Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. B
ADUM3300 AD-ADUM3300 Datasheet
469Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com