データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM3440 データシート(PDF) 3 Page - Analog Devices

部品番号 ADUM3440
部品情報  Quad Channel, High Speed Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM3440 データシート(HTML) 3 Page - Analog Devices

  ADUM3440_15 Datasheet HTML 1Page - Analog Devices ADUM3440_15 Datasheet HTML 2Page - Analog Devices ADUM3440_15 Datasheet HTML 3Page - Analog Devices ADUM3440_15 Datasheet HTML 4Page - Analog Devices ADUM3440_15 Datasheet HTML 5Page - Analog Devices ADUM3440_15 Datasheet HTML 6Page - Analog Devices ADUM3440_15 Datasheet HTML 7Page - Analog Devices ADUM3440_15 Datasheet HTML 8Page - Analog Devices ADUM3440_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADuM3440/ADuM3441/ADuM3442
Rev. D | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All voltages are relative to their respective ground. 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All minimum/maximum specifications
apply over the entire recommended operation range, unless otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V.
Table 1.
Parameter
Symbol
Min
Typ
Max Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel, Quiescent
IDDI (Q)
0.75
1.3
mA
Output Supply Current per Channel, Quiescent
IDDO (Q)
0.5
1.2
mA
ADuM3440, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
3
3.9
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2(Q)
2
3
mA
DC to 1 MHz logic signal frequency
150 Mbps
VDD1 Supply Current
IDD1(150)
120
220
mA
75 MHz logic signal frequency
VDD2 Supply Current
IDD2(150)
47
55
mA
75 MHz logic signal frequency
ADuM3441, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1(Q)
2.8
3.6
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2(Q)
2.3
2.9
mA
DC to 1 MHz logic signal frequency
150 Mbps
VDD1 Supply Current
IDD1(150)
101
165
mA
75 MHz logic signal frequency
VDD2 Supply Current
IDD2(150)
65
80
mA
75 MHz logic signal frequency
ADuM3442, Total Supply Current, Four Channels1
DC to 2 Mbps
VDD1 or VDD2 Supply Current
IDD1(Q), IDD2(Q)
2.5
3.5
mA
DC to 1 MHz logic signal frequency
150 Mbps
VDD1 or VDD2 Supply Current
IDD1(150), IDD2 (150)
83
130
mA
75 MHz logic signal frequency
For All Models
Input Currents
IIA, IIB, IIC,
IID, IE1, IE2
−10
+0.01 +10
µA
0
VIA, VIB, VIC, VID VDD1 or VDD2,
0
VE1, VE2 VDD1 or VDD2
Logic High Input Threshold
VIH, VEH
2.0
V
Logic Low Input Threshold
VIL, VEL
0.8
V
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
(VDD1 or
VDD2) − 0.1
5.0
V
IOx = −20 µA, VIx = VIxH
(VDD1 or
VDD2) − 0.4
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.04
0.1
V
IOx = 400 µA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
Minimum Pulse Width2
PW
6.67
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
150
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
20
32
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
0.5
2
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
3
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
12
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels5
tPSKCD
2
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing Directional Channels5
tPSKOD
5
ns
CL = 15 pF, CMOS signal levels


同様の部品番号 - ADUM3440_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
More results

同様の説明 - ADUM3440_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
[Old version datasheet]   High-Speed, Quad-Channel Digital Isolators
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com