データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7125 データシート(PDF) 3 Page - Analog Devices

部品番号 ADV7125
部品情報  CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7125 データシート(HTML) 3 Page - Analog Devices

  ADV7125_15 Datasheet HTML 1Page - Analog Devices ADV7125_15 Datasheet HTML 2Page - Analog Devices ADV7125_15 Datasheet HTML 3Page - Analog Devices ADV7125_15 Datasheet HTML 4Page - Analog Devices ADV7125_15 Datasheet HTML 5Page - Analog Devices ADV7125_15 Datasheet HTML 6Page - Analog Devices ADV7125_15 Datasheet HTML 7Page - Analog Devices ADV7125_15 Datasheet HTML 8Page - Analog Devices ADV7125_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADV7125
Rev. C | Page 3 of 16
SPECIFICATIONS
5 V ELECTRICAL CHARACTERISTICS
VAA = 5 V ± 5%, VREF = 1.235 V, RSET = 560 Ω, CL = 10 pF. All specifications TMIN to TMAX,1 unless otherwise noted, TJ MAX = 110°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions1
STATIC PERFORMANCE
Resolution (Each DAC)
8
Bits
Integral Nonlinearity (BSL)
−1
±0.4
+1
LSB
Differential Nonlinearity
−1
±0.25
+1
LSB
Guaranteed Monotonic
DIGITAL AND CONTROL INPUTS
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current, IIN
−1
+1
μA
VIN = 0.0 V or VDD
PSAVE Pull-Up Current
20
μA
Input Capacitance, CIN
10
pF
ANALOG OUTPUTS
Output Current
2.0
26.5
mA
Green DAC, SYNC = high
2.0
18.5
mA
RGB DAC, SYNC = low
DAC-to-DAC Matching
1.0
5
%
Output Compliance Range, VOC
0
1.4
V
Output Impedance, ROUT
100
Output Capacitance, COUT
10
pF
IOUT = 0 mA
Offset Error
−0.025
+0.025
% FSR
Tested with DAC output = 0 V
Gain Error2
−5.0
+5.0
% FSR
FSR = 18.62 mA
VOLTAGE REFERENCE, EXTERNAL AND
INTERNAL
Reference Range, VREF
1.12
1.235
1.35
V
POWER DISSIPATION
Digital Supply Current3
3.4
9
mA
fCLK = 50 MHz
10.5
15
mA
fCLK = 140 MHz
18
25
mA
fCLK = 240 MHz
Analog Supply Current
67
72
mA
RSET = 530 Ω
8
mA
RSET = 4933 Ω
Standby Supply Current4
2.1
5.0
mA
PSAVE = low, digital, and control inputs at VDD
Power Supply Rejection Ratio
0.1
0.5
%/%
1 Temperature range TMIN to TMAX: −40°C to +85°C at 50 MHz and 140 MHz, 0°C to +70°C at 240 MHz and 330 MHz.
2 Gain error = ((Measured (FSC)/Ideal (FSC) − 1) × 100), where Ideal = VREF/RSET × K × (0xFFH) × 4 and K = 7.9896.
3 Digital supply is measured with a continuous clock that has data input corresponding to a ramp pattern and with an input level at 0 V and VDD.
4 These maximum/minimum specifications are guaranteed by characterization in the 4.75 V to 5.25 V range.


同様の部品番号 - ADV7125_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
More results

同様の説明 - ADV7125_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101 Datasheet
187Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com