データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7178 データシート(PDF) 9 Page - Analog Devices

部品番号 ADV7178
部品情報  Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7178 データシート(HTML) 9 Page - Analog Devices

Back Button ADV7178_15 Datasheet HTML 5Page - Analog Devices ADV7178_15 Datasheet HTML 6Page - Analog Devices ADV7178_15 Datasheet HTML 7Page - Analog Devices ADV7178_15 Datasheet HTML 8Page - Analog Devices ADV7178_15 Datasheet HTML 9Page - Analog Devices ADV7178_15 Datasheet HTML 10Page - Analog Devices ADV7178_15 Datasheet HTML 11Page - Analog Devices ADV7178_15 Datasheet HTML 12Page - Analog Devices ADV7178_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ADV7177/ADV7178
Rev. C | Page 9 of 44
5 V TIMING SPECIFICATIONS
VAA = 4.75 V to 5.25 V,1 VREF = 1.235 V, RSET = 300 Ω. All specifications TMIN to TMAX,2 unless otherwise noted.
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
MPU PORT3, 4
SCLOCK Frequency
0
100
kHz
SCLOCK High Pulse Width, t1
4.0
µs
SCLOCK Low Pulse Width, t2
4.7
µs
Hold Time (Start Condition), t3
After this period, the first clock is generated
4.0
µs
Setup Time (Start Condition), t4
Relevant for repeated start condition
4.7
µs
Data Setup Time, t5
250
ns
SDATA, SCLOCK Rise Time, t6
1
µs
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
4.7
µs
ANALOG OUTPUTS3, 5
Analog Output Delay
5
ns
DAC Analog Output Skew
0
ns
CLOCK CONTROL AND PIXEL PORT3, 4, 6
fCLOCK
27
MHz
Clock High Time, t9
8
ns
Clock Low Time, t10
8
ns
Data Setup Time, t11
3.5
ns
Data Hold Time, t12
4
ns
Control Setup Time, t11
4
ns
Control Hold Time, t12
3
ns
Digital Output Access Time, t13
24
ns
Digital Output Hold Time, t14
4
ns
Pipeline Delay, t15
37
Clock Cycles
RESET CONTROL3, 4
RESET Low Time
6
ns
INTERNAL CLOCK CONTROL
Clock/2 Rise Time, t16
7
ns
Clock/2 Fall Time, t17
7
ns
OSD TIMING4
OSD Setup Time, t18
6
ns
OSD Hold Time, t19
2
ns
1 The max/min specifications are guaranteed over this range.
2 Temperature range TMIN to TMAX: 0°C to 70°C.
3 TTL input values are 0 V to 3 V, with input rise/fall times ≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Analog output load
≤ 10 pF.
4 Guaranteed by characterization.
5 Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition.
6 Pixel port consists of the following:
Pixel inputs: P15–P0
Pixel controls: HSYNC, FIELD/VSYNC, BLANK
Clock input: CLOCK


同様の部品番号 - ADV7178_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7178KS AD-ADV7178KS Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
More results

同様の説明 - ADV7178_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7177 AD-ADV7177_15 Datasheet
697Kb / 44P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7177 AD-ADV7177 Datasheet
280Kb / 38P
   Integrated Digital CCIR-601 to PAL/NTSC Video Encoder
REV. 0
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
ADV7175A AD-ADV7175A Datasheet
629Kb / 52P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. B
ADV7175A AD-ADV7175A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7176A AD-ADV7176A_15 Datasheet
413Kb / 50P
   High Quality, 10-Bit, Digital CCIR-601 to PAL/NTSC Video Encoder
REV. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com