データシートサーチシステム |
|
BCPA1666 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
BCPA1666 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
1 / 1 page BCPA1666 -2 A, -50 V PNP Plastic Encapsulated Transistor Elektronische Bauelemente 25-Oct-2012 Rev. A Page 1 of 1 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. 1 Base 3 Emitter Collector 24 RoHS Compliant Product A suffix of “-C” specifies halogen & lead-free FEATURES Small Flat Package Low Saturation Voltage Power Amplifier and Switching Application PACKAGE INFORMATION Package MPQ Leader Size SOT-89 1K 7’ inch CLASSIFICATION OF hFE1 Product BCPA1666-O BCPA1666-Y Range 70~140 120~240 Marking WO WY ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified) Parameter Symbol Ratings Unit Collector-Base Voltage VCBO -50 V Collector-Emitter Voltage VCEO -50 V Emitter-Base Voltage VEBO -5 V Collector Current -Continuous IC -2 A Collector Power Dissipation PC 0.5 W Maximum Junction to Ambient RθJA 250 °C / W Junction & Storage Temperature TJ, TSTG 150, -55~150 °C PNP ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified) Parameter Symbol Min. Typ. Max. Unit Test Conditions Collector-base breakdown voltage V(BR)CBO -50 - - V IC= -1mA, IE=0 Collector-emitter breakdown voltage V(BR)CEO -50 - - V IC= -10mA, IB=0 Emitter-base breakdown voltage V(BR)EBO -5 - - V IE= -1mA, IC=0 Collector cut-off current ICBO - - - -100 nA VCB= -50V, IE=0 Emitter cut-off current IEBO - - -100 nA VEB= -5 V, IC=0 DC current gain 1 hFE1 70 - 240 VCE= -2V, IC= -500mA hFE2 40 - - VCE= -2V, IC= -1.5A Collector-emitter saturation voltage 1 VCE(sat) - - -0.5 V IC= -1A, IB= -50mA Base-emitter saturation voltage 1 VBE(sat) - - -1.2 V IC= -1A, IB= -50mA Transition frequency f T - 120 - MHz VCE= -2V, IC= -500mA, f=200MHz Output Capacitance COB - - 40 pF VCB= -10V, IE=0, f=1MHz Note: 1. Pulse test: pulse width ≤300mS, duty cycle≤ 2.0%. REF. Millimeter REF. Millimeter Min. Max. Min. Max. A 4.40 4.60 G 0.40 0.58 B 3.94 4.25 H 1.50 TYP C 1.40 1.60 J 3.00 TYP D 2.30 2.60 K 0.32 0.52 E 1.50 1.70 L 0.35 0.44 F 0.89 1.20 SOT-89 A E C D B K H F G L J 1 2 3 4 B C E |
同様の部品番号 - BCPA1666_15 |
|
同様の説明 - BCPA1666_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |