データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7190 データシート(PDF) 6 Page - Analog Devices

部品番号 ADV7190
部品情報  Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7190 データシート(HTML) 6 Page - Analog Devices

Back Button ADV7190_15 Datasheet HTML 2Page - Analog Devices ADV7190_15 Datasheet HTML 3Page - Analog Devices ADV7190_15 Datasheet HTML 4Page - Analog Devices ADV7190_15 Datasheet HTML 5Page - Analog Devices ADV7190_15 Datasheet HTML 6Page - Analog Devices ADV7190_15 Datasheet HTML 7Page - Analog Devices ADV7190_15 Datasheet HTML 8Page - Analog Devices ADV7190_15 Datasheet HTML 9Page - Analog Devices ADV7190_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
ADV7190/ADV7191
–6–
REV. B
5 V TIMING CHARACTERISTICS
Parameter
Min
Typ
Max
Unit
Test Conditions
MPU PORT
2
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
ms
SCLOCK Low Pulsewidth, t2
1.3
ms
Hold Time (Start Condition), t3
0.6
ms
After This Period, the First Clock is Generated
Setup Time (Start Condition), t4
0.6
msRelevant for Repeated Start Condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
ms
ANALOG OUTPUTS
2
Analog Output Delay
8
ns
DAC Analog Output Skew
0.1
ns
CLOCK CONTROL AND PIXEL PORT
3
fCLOCK
27
MHz
Clock High Time, t9
8ns
Clock Low Time, t10
8ns
Data Setup Time, t11
6ns
Data Hold Time, t12
5ns
Control Setup Time, t11
6ns
Control Hold Time, t12
4ns
Digital Output Access Time, t13
13
ns
Digital Output Hold Time, t14
12
ns
Pipeline Delay, t15 (2
¥ Oversampling)
57
Clock Cycles
Pipeline Delay, t15 (4
¥ Oversampling)
67
Clock Cycles
TELETEXT PORT
4
Digital Output Access Time, t16
11
ns
Data Setup Time, t17
3ns
Data Hold Time, t18
6ns
RESET CONTROL
RESET Low Time
3
20
ns
PLL
2
PLL Output Frequency
54
MHz
NOTES
1Temperature range T
MIN to TMAX: 0
∞C to 70∞C.
2Guaranteed by characterization.
3Pixel Port consists of:
Data: P15–P0 Pixel Inputs,
Control:
HSYNC, VSYNC, BLANK,
Clock: CLKIN Input.
4Teletext Port consists of:
Digital Output: TTXREQ,
Data: TTX.
Specifications subject to change without notice.
(VAA = 5 V
250 mV, VREF = 1.235 V, RSET1,2 = 1200
, unless otherwise noted. All specifications
TMIN to TMAX
1, unless otherwise noted.)


同様の部品番号 - ADV7190_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7190KST AD-ADV7190KST Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
ADV7190KST AD-ADV7190KST Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
More results

同様の説明 - ADV7190_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194 Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com