データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7202 データシート(PDF) 10 Page - Analog Devices

部品番号 ADV7202
部品情報  Simultaneous Sampling Video Rate Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7202 データシート(HTML) 10 Page - Analog Devices

Back Button ADV7202_15 Datasheet HTML 6Page - Analog Devices ADV7202_15 Datasheet HTML 7Page - Analog Devices ADV7202_15 Datasheet HTML 8Page - Analog Devices ADV7202_15 Datasheet HTML 9Page - Analog Devices ADV7202_15 Datasheet HTML 10Page - Analog Devices ADV7202_15 Datasheet HTML 11Page - Analog Devices ADV7202_15 Datasheet HTML 12Page - Analog Devices ADV7202_15 Datasheet HTML 13Page - Analog Devices ADV7202_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. 0
ADV7202
–10–
FUNCTIONAL DESCRIPTION
Analog Inputs
The ADV7202 has the capability of sampling up to five CVBS
video input signals, two component YUV, or three S-Video
inputs. Eight auxiliary general-purpose inputs are also available.
Table I shows the analog signal input options available and pro-
grammable by I
2C. When configured for auxiliary input mode,
the CVBS inputs are single-ended with the second differential
input internally set to VREFADC. The resolution on the front
end digitizer is 12 bits; 2 bits (12 dB) are used for gain and offset
adjustment. The digitizer has a conversion rate of up to 54 MHz.
The eight auxiliary inputs can be used for system monitoring, etc.
and are sampled by an 843 kHz
* SAR ADC. The analog input
signal range will be dependent on the value of VREFADC and
the SHA gain see (Table II). Three on-screen display inputs
OSDIN[2:0] mux to the DAC outputs to enable support for
Picture-on-Picture applications.
Table I. Analog Input Signal Data
Register
SHA
Setting
Description
Used
Sync_Out
0000
CVBS in on AIN1
0
Figure 1
0001
CVBS in on AIN2
0
Figure 1
0010
CVBS in on AIN3
1
Figure 1
0011
Reserved
1
0100
CVBS in on AIN5
0
Figure 1
0101
CVBS in on AIN6
2
Figure 1
0110
Y/C, Y on AIN1, C on AIN4
0, 1
Figure 2
0111
Y/C, Y on AIN2, C on AIN3
0, 1
Figure 2
1000
YUV, Y on AIN2, U on AIN3, 0, 1, 2 Figure 3
V on AIN6
1001
CVBS on AIN1 and 8 AUX.
0
Figure 1
I/Ps AIN3–AIN6
*.
1010
CVBS on AIN2 and 8 AUX.
0
Figure 1
I/Ps AIN3–AIN6
*.
*AUX inputs are single-ended. All other inputs are differential.
*Fclk/32, 843 kHz for nominal 27 MHz
Table II. Analog Input Signal Range
SHA
Input Range (V)
I/P Mode
VREFOUT (V) Gain
Min
Max
Differential
2.2
1
–2.2
+2.2
Differential
2.2
2
–1.1
+1.1
Differential
1.1
1
–1.1
+1.1
Differential
1.1
2
–0.55
+0.55
Single-Ended 2.2
1
0
4.4
Single-Ended 2.2
2
1.1
3.3
Single-Ended 1.1
1
0
2.2
Single-Ended 1.1
2
0.55
1.65
Digital Inputs
The DAC digital inputs on the ADV7202 [9:0] are TTL
compatible. Data may be latched into the device in three different
modes, programmable via I
2C.
DAC Mode 1, single clock, single edge (see Figure 10) uses only
the rising edge of DACCLK1 to latch data into the device.
DACCLK0 is a data line that goes high to indicate that the data
is for DAC0. Subsequent data-words go to the next DAC in
sequence.
DAC Mode 2, dual edge, dual clock (see Figure 11) clocks data
in on both edges of DACCLK0 and DACCLK1. Using this
option, data can be latched into the device at four times the
clock speed. All four DACs are used in this mode.
DAC Mode 3, 4:2:2 mode (see Figure 12). Using this option,
4:2:2 video data is latched in using DACCLK1, while DACCLK0
is used as a data line that is brought to a high state when Cr data
is input; hence Y will appear on DAC1, Cr on DAC2, and Cb
on DAC0.
Analog Outputs
Analog outputs [DAC0–DAC3] consist of four 10-bit DACs that
run at up to 54 MHz or up to 200 MHz if only DAC0 is used.
These outputs can be used to output CVBS, S-Video, Compo-
nent YCrCb, and RGB.
Digital Outputs
Video data will be clocked out on DOUT[9:0] on the rising edge
of XTAL0 (see Figure 13). Auxiliary data can be read out via
I
2C compatible MPU port.
I
2C Control
I2C operation allows both reading and writing of system registers.
Its operation is explained in detail in the MPU Port Descrip-
tion section.


同様の部品番号 - ADV7202_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7202 AD-ADV7202_17 Datasheet
403Kb / 29P
   Simultaneous Sampling Video Rate Codec
More results

同様の説明 - ADV7202_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7202KSTZ AD-ADV7202KSTZ Datasheet
325Kb / 28P
   Simultaneous Sampling Video Rate Codec
REV. 0
ADV7202 AD-ADV7202_17 Datasheet
403Kb / 29P
   Simultaneous Sampling Video Rate Codec
ADV7202 AD-ADV7202 Datasheet
216Kb / 26P
   Simultaneous Sampling Video Rate Codec
REV. PrB
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
Analog Devices
ADUCM330 AD-ADUCM330 Datasheet
357Kb / 16P
   Dual channel, simultaneous sampling
AD7356 AD-AD7356_17 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
AD7357 AD-AD7357_17 Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
ADV212 AD-ADV212_15 Datasheet
478Kb / 44P
   Wavescale Video Codec
Rev. B
ADV202BBCZRL-115 AD-ADV202BBCZRL-115 Datasheet
447Kb / 40P
   JPEG2000 Video Codec
REV. D
ADV212-HD-EB AD-ADV212-HD-EB Datasheet
478Kb / 44P
   Wavescale Video Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com