データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7301A データシート(PDF) 5 Page - Analog Devices

部品番号 ADV7301A
部品情報  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7301A データシート(HTML) 5 Page - Analog Devices

  ADV7301A_15 Datasheet HTML 1Page - Analog Devices ADV7301A_15 Datasheet HTML 2Page - Analog Devices ADV7301A_15 Datasheet HTML 3Page - Analog Devices ADV7301A_15 Datasheet HTML 4Page - Analog Devices ADV7301A_15 Datasheet HTML 5Page - Analog Devices ADV7301A_15 Datasheet HTML 6Page - Analog Devices ADV7301A_15 Datasheet HTML 7Page - Analog Devices ADV7301A_15 Datasheet HTML 8Page - Analog Devices ADV7301A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
REV. A
ADV7300A/ADV7301A
–5–
TIMING SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Test Conditions
MPU PORT
1
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
0.6
µs
First Clock Generated after
This Period
Setup Time (Start Condition), t4
0.6
µsRelevant for Repeated Start
Condition
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
RESET Low Time
100
ns
ANALOG OUTPUTS
Analog Output Delay
2
8ns
Output Skew
1
ns
CLOCK CONTROL AND PIXEL PORT
3
fCLK
27
MHz
Progressive Scan Mode
fCLK
81
MHz
HDTV Mode/Async Mode
Clock High Time, t9
40
% 1 clkcycle
Clock Low Time, t10
40
% 1 clkcycle
Data Setup Time, t11
2.0
ns
Data Hold Time, t12
2.0
ns
Output Access Time, t13
14
ns
Output Hold Time, t14
4.0
ns
Pipeline Delay
61
clkcycles
SD [2 ]
62.5
clkcycles
SD [8 ]
66.5
clkcycles
SD Component Filter [8 ]
33
clkcycles
PS [1 ], HD [1 ], Async
Timing Mode
43.5
clkcycles
PS [4 ]
36
clkcycles
HD [2 ]
NOTES
1Guaranteed by characterization.
2Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of DAC output full-scale transition.
3Data: C[9:0]; S[9:0]; Y[9:0]
Control:
P_HSYNC; P_ VSYNC; P_BLANK; S_HSYNC; S_VSYNC; S_BLANK
Specifications subject to change without notice.
(VAA = VDD = 2.375 V–2.625 V, VDD_IO = 2.375 V–3.600 V, VREF = 1.235 V, RSET = 760
, RLOAD = 150
,
TMIN to TMAX (0 C to 70 C), unless otherwise noted.)


同様の部品番号 - ADV7301A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7301AKST AD-ADV7301AKST Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results

同様の説明 - ADV7301A_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com