データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL213 データシート(PDF) 10 Page - Analog Devices

部品番号 ADXL213
部品情報  Low Cost 1.2 g Dual Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL213 データシート(HTML) 10 Page - Analog Devices

Back Button ADXL213_15 Datasheet HTML 4Page - Analog Devices ADXL213_15 Datasheet HTML 5Page - Analog Devices ADXL213_15 Datasheet HTML 6Page - Analog Devices ADXL213_15 Datasheet HTML 7Page - Analog Devices ADXL213_15 Datasheet HTML 8Page - Analog Devices ADXL213_15 Datasheet HTML 9Page - Analog Devices ADXL213_15 Datasheet HTML 10Page - Analog Devices ADXL213_15 Datasheet HTML 11Page - Analog Devices ADXL213_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXL213
Rev. A | Page 10 of 12
Peak-to-peak noise values give the best estimate of the
uncertainty in a single measurement. Table 6 gives the typical
noise output of the ADXL213 for various CX and CY values.
Table 6. Filter Capacitor Selection (CX, CY)
Bandwidth(Hz)
CX, CY
(μF)
RMS Noise
(mg)
Peak-to-Peak Noise
Estimate (mg)
10
0.47
0.64
3.8
50
0.1
1.4
8.6
100
0.047
2
12
500
0.01
4.5
27.2
USING THE ADXL213 WITH OPERATING
VOLTAGES OTHER THAN 5 V
The ADXL213 is tested and specified at VS = 5 V; however, it
can be powered with VS as low as 3 V or as high as 6 V. Some
perfor-mance parameters will change as the supply voltage is
varied.
The ADXL213 output varies proportionally to supply voltage.
At VS = 3 V, the output sensitivity is typically 28%/g.
The zero g bias output is ratiometric, so the zero g output is
nominally equal to 50% at all supply voltages.
The output noise also varies with supply voltage. At VS = 3 V,
the noise density is typically 200 μg/√Hz.
Self-test response in g is roughly proportional to the square of
the supply voltage. So at VS = 3 V, the self-test response is
equivalent to approximately 270 mg (typical), or 8%.
The supply current decreases as the supply voltage decreases.
Typical current consumption at VDD = 3 V is 450 μA.
USING THE ADXL213 AS A DUAL-AXIS TILT
SENSOR
One of the most popular applications of the ADXL213 is tilt
measurement. An accelerometer uses the force of gravity as an
input vector to determine the orientation of an object in space.
An accelerometer is most sensitive to tilt when its sensitive axis
is perpendicular to the force of gravity, i.e., parallel to the earth’s
surface. At this orientation, its sensitivity to changes in tilt is
highest. When the accelerometer is oriented on axis to gravity,
i.e., near its +1 g or –1 g reading, the change in output accelera-
tion per degree of tilt is negligible. When the accelerometer is
perpendicular to gravity, its output changes nearly 17.5 mg per
degree of tilt. At 45°, its output changes at only 12.2 mg per
degree and resolution declines.
Dual-Axis Tilt Sensor: Converting Acceleration to Tilt
When the accelerometer is oriented so both its X and Y axes are
parallel to the earth’s surface, it can be used as a 2-axis tilt
sensor with a roll axis and a pitch axis. Once the output signal
from the accelerometer has been converted to an acceleration
that varies between –1 g and +1 g, the output tilt in degrees is
calculated as follows:
PITCH = ASIN(AX/1 g)
ROLL = ASIN(AY/1 g)
Be sure to account for overranges. It is possible for the
accelerometers to output a signal greater than ±1 g due to
vibration, shock, or other accelerations.


同様の部品番号 - ADXL213_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL213AE AD-ADXL213AE Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL213AE-REEL AD-ADXL213AE-REEL Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL213EB AD-ADXL213EB Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
More results

同様の説明 - ADXL213_15

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
logo
List of Unclassifed Man...
MXD2002A ETC1-MXD2002A Datasheet
572Kb / 8P
   Low Cost, 짹10 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXP7205VF MEMSIC-MXP7205VF Datasheet
603Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.E
logo
Analog Devices
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
logo
MEMSIC Semiconductor (T...
MXP7205VW MEMSIC-MXP7205VW Datasheet
553Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.D
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXS7205VW MEMSIC-MXS7205VW Datasheet
282Kb / 12P
   Low Cost 짹5 g Dual-Axis Accelerometer with SPI Interface
Rev.C
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
   Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
logo
List of Unclassifed Man...
MXC6202XJ ETC1-MXC6202XJ Datasheet
285Kb / 11P
   Ultra Low Cost, 짹2.0 g Dual Axis Accelerometer With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com