データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431K-3 データシート(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 TL431K-3
部品情報  Adjustable Accurate Reference Source
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TL431K-3 データシート(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  TL431K-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TL431K-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TL431K-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
IC
Typical Characterisitics
-2
-1
0
1
2
3
-100
-50
0
50
100
150
-40
-20
0
20
40
60
80
100
2350
2400
2450
2500
2550
2600
-1
0
1
2
3
-200
0
200
400
600
800
V
KA=Vref
T
a=25
Cathode Current versus
Cathode Voltage
V
KA, CATHODE VOLTAGE
(V)
V
KA=Vref
I
K=10mA
Reference Input Voltage versus
Ambient Temperature
T
a, AMBIENT TEMPERATURE
( )
V
KA=Vref
T
a=25
Cathode Current versus
Cathode Voltage
V
KA, CATHODE VOLTAGE
(V)
I
KA(min)
KA
KA
ref
Test Circuit for VKA=Vref
Adjustable Accurate Reference Source
TL431K (KL431K)


同様の部品番号 - TL431K-3

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
TL431K-8 KEXIN-TL431K-8 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Unisonic Technologies
TL431K-AB3-R UTC-TL431K-AB3-R Datasheet
87Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
TL431K-AB3-R UTC-TL431K-AB3-R Datasheet
242Kb / 7P
   PROGRAMMABLE PRECISION REFERENCE
TL431K-AB3-R UTC-TL431K-AB3-R Datasheet
273Kb / 7P
   4PROGRAMMABLE PRECISION REFERENCE
More results

同様の説明 - TL431K-3

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
   Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
   Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
   Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
   Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
   Adjustable Accurate Reference Source
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
   Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
   Adjustable Accurate Reference Source
logo
List of Unclassifed Man...
CJ431 ETC-CJ431 Datasheet
1Mb / 2P
   ADJUSTABLE ACCURATE REFERENCE SOURCE
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com