データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CABLE-SMBUS-5PINZ データシート(PDF) 3 Page - Analog Devices

部品番号 CABLE-SMBUS-5PINZ
部品情報  Parallel Port to IC Interface Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

CABLE-SMBUS-5PINZ データシート(HTML) 3 Page - Analog Devices

  CABLE-SMBUS-5PINZ_15 Datasheet HTML 1Page - Analog Devices CABLE-SMBUS-5PINZ_15 Datasheet HTML 2Page - Analog Devices CABLE-SMBUS-5PINZ_15 Datasheet HTML 3Page - Analog Devices CABLE-SMBUS-5PINZ_15 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CABLE-SMBUS-3PINZ, CABLE-SMBUS-5PINZ
Rev. 0 | Page 3 of 4
ORDERING INFORMATION
BILL OF MATERIALS
Table 1. CABLE-SMBUS-3PINZ
Qty.
Reference Designator
Description
Supplier/Part No.
3
R11, R12, R13
2.2 kΩ resistor, R0603
FEC1 9330810
2
R14, R15
1 kΩ resistor, R0603
FEC 9330380
1
U1
74AC05 IC, SO14NB
FEC 1103063
1 FEC = Farnell Electronics.
Table 2. CABLE-SMBUS-5PINZ
Qty.
Reference Designator
Description
Supplier/Part No.
1
C1
47 nF capacitor, 0603
FEC1 431965
2
C2, C3
4.7 nF capacitor, 0603
FEC 722212
6
J1 to J6
Test pad, testpoint
Not inserted
2
R1, R10
1.8 kΩ resistor, 0603
FEC 9330712
2
R2, R5
Resistor, 0603
Not inserted
3
R3, R7, R9
2.2 kΩ resistor, 0603
FEC 9330810
3
R4, R6, R11
1 kΩ resistor, 0603
FEC 9330380
1
R8
100 kΩ resistor, 0603
FEC 9330402
6
SL1 to SL6
Solder pad, SOLDER_LINK
Not inserted
1
U1
74AC05 IC, SO14NB
FEC 1103063
1 FEC = Farnell Electronics.
ORDERING GUIDE
Model
Description
CABLE-SMBUS-3PINZ1
Parallel Port to 3-Pin I2C Interface Cable
CABLE-SMBUS-5PINZ1
Parallel Port to 5-Pin I2C Interface Cable
1 Z = RoHS Compliant Part.
ESD CAUTION


同様の部品番号 - CABLE-SMBUS-5PINZ_15

メーカー部品番号データシート部品情報
logo
Analog Devices
CABLE-SMBUS-3PINZ AD-CABLE-SMBUS-3PINZ Datasheet
130Kb / 4P
   Parallel Port to IC Interface Cables
CABLE-SMBUS-3PINZ AD-CABLE-SMBUS-3PINZ_15 Datasheet
130Kb / 4P
   Parallel Port to IC Interface Cables
More results

同様の説明 - CABLE-SMBUS-5PINZ_15

メーカー部品番号データシート部品情報
logo
Analog Devices
CABLE-SMBUS-3PINZ AD-CABLE-SMBUS-3PINZ_15 Datasheet
130Kb / 4P
   Parallel Port to IC Interface Cables
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
List of Unclassifed Man...
EDE1400 ETC1-EDE1400 Datasheet
184Kb / 7P
   Parallel-Printer Interface IC
logo
STMicroelectronics
ST20-PPI STMICROELECTRONICS-ST20-PPI Datasheet
58Kb / 6P
   PC PARALLEL PORT TO OS-LINK INTERFACE
logo
SparkFun Electronics
CAB-00506 SPARKFUN-CAB-00506 Datasheet
77Kb / 1P
   Banana to IC Hook Cables
9??1??7
logo
Texas Instruments
SN74LV8153-Q1 TI1-SN74LV8153-Q1 Datasheet
194Kb / 14P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153 TI-SN74LV8153_08 Datasheet
385Kb / 16P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
SN74LV8153 TI-SN74LV8153 Datasheet
210Kb / 13P
[Old version datasheet]   SERIAL-TO-PARALLEL INTERFACE
logo
List of Unclassifed Man...
SMC34C60 ETC1-SMC34C60 Datasheet
3Mb / 74P
   PARALLEL PORT INTERFACE CHIP-PERIPHERAL SIDE
OX12PCI840 ETC-OX12PCI840 Datasheet
541Kb / 32P
   Integrated Parallel Port and PCI interface
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com