データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP184 データシート(PDF) 3 Page - Analog Devices

部品番号 OP184
部品情報  Precision Rail-to-Rail Input and Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP184 データシート(HTML) 3 Page - Analog Devices

  OP184_15 Datasheet HTML 1Page - Analog Devices OP184_15 Datasheet HTML 2Page - Analog Devices OP184_15 Datasheet HTML 3Page - Analog Devices OP184_15 Datasheet HTML 4Page - Analog Devices OP184_15 Datasheet HTML 5Page - Analog Devices OP184_15 Datasheet HTML 6Page - Analog Devices OP184_15 Datasheet HTML 7Page - Analog Devices OP184_15 Datasheet HTML 8Page - Analog Devices OP184_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
OP184/OP284/OP484
Rev. J | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = 5.0 V, VCM = 2.5 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage, OP184/OP284E Grade1
VOS
65
μV
−40°C ≤ TA ≤ +125°C
165
μV
Offset Voltage, OP184/OP284F Grade1
VOS
125
μV
−40°C ≤ TA ≤ +125°C
350
μV
Offset Voltage, OP484E Grade1
VOS
75
μV
–40°C ≤ TA ≤ +125°C
175
μV
Offset Voltage, OP484F Grade1
VOS
150
μV
–40°C ≤ TA ≤ +125°C
450
μV
Input Bias Current
IB
60
450
nA
–40°C ≤ TA ≤ +125°C
600
nA
Input Offset Current
IOS
2
50
nA
–40°C ≤ TA ≤ +125°C
50
nA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 5 V
60
dB
VCM = 1.0 V to 4.0 V, −40°C ≤ TA ≤ +125°C
86
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, 1 V ≤ VO ≤ 4 V
50
240
V/mV
RL = 2 kΩ, −40°C ≤ TA ≤ +125°C
25
V/mV
Bias Current Drift
ΔIB/ΔT
150
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1.0 mA
4.80
V
Output Voltage Low
VOL
IL = 1.0 mA
125
mV
Output Current
IOUT
±6.5
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.0 V to 10 V, −40°C ≤ TA ≤ +125°C
76
dB
Supply Current/Amplifier
ISY
VO = 2.5 V, −40°C ≤ TA ≤ +125°C
1.45
mA
Supply Voltage Range
VS
3
36
V
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
1.65
2.4
V/µs
Settling Time
tS
To 0.01%, 1.0 V step
2.5
µs
Gain Bandwidth Product
GBP
3.25
MHz
Phase Margin
ΦM
45
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.3
μV p-p
Voltage Noise Density
en
f = 1 kHz
3.9
nV/√Hz
Current Noise Density
in
0.4
pA/√Hz
1
Input offset voltage measurements are performed by automated test equipment approximately 0.5 seconds after application of power.


同様の部品番号 - OP184_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP184EP AD-OP184EP Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184EP AD-OP184EP Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184ES AD-OP184ES Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
More results

同様の説明 - OP184_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com