データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP220GZ データシート(PDF) 6 Page - Analog Devices

部品番号 OP220GZ
部品情報  Dual Micropower Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP220GZ データシート(HTML) 6 Page - Analog Devices

Back Button OP220GZ Datasheet HTML 2Page - Analog Devices OP220GZ Datasheet HTML 3Page - Analog Devices OP220GZ Datasheet HTML 4Page - Analog Devices OP220GZ Datasheet HTML 5Page - Analog Devices OP220GZ Datasheet HTML 6Page - Analog Devices OP220GZ Datasheet HTML 7Page - Analog Devices OP220GZ Datasheet HTML 8Page - Analog Devices OP220GZ Datasheet HTML 9Page - Analog Devices OP220GZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. A
OP220
–6–
FREQUENCY – Hz
120
100
0
0.01
1k
0.1
110
100
80
60
40
20
TA = 25 C
VS = 15V
TPC 7. CMRR vs. Frequency
FREQUENCY – Hz
130
110
40
1100k
10
100
1k
10k
90
70
50
TA = 25 C
VS = 15V
+PSRR
–PSRR
120
100
80
60
TPC 8. PSRR vs. Frequency
LOAD RESISTANCE – k
17
15
0
1100
10
10
5
TA = 25 C
VS = 15V
VS = 5V
TPC 9. Maximum Output Voltage vs. Load Resistance
FREQUENCY – Hz
160
0
0.01
1M
0.1
110
100
1k
10k
100k
140
80
60
40
20
120
100
TA = 25 C
VS = 15V
GAIN
PHASE
m = 53
0
45
90
135
180
TPC 10. Open-Loop Voltage Gain and Phase vs. Frequency
FREQUENCY – Hz
36
32
0
100
1M
1k
10k
100k
28
24
4
20
16
12
8
TA = 25 C
VS = 15V
TPC 11. Maximum Output Swing vs. Frequency
TEMERATURE – C
–75
150
–50
–25
0
25
50
75
100
125
0.09
0.08
0
0.04
0.03
0.02
0.01
0.06
0.05
0.07
VS = 15V
VS = 5V
TPC 12. Slew Rate vs. Temperature


同様の部品番号 - OP220GZ

メーカー部品番号データシート部品情報
logo
Analog Devices
OP220GZ AD-OP220GZ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220GZ AD-OP220GZ Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
logo
Maxwell Technologies
OP220GZ MAXWELL-OP220GZ Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
More results

同様の説明 - OP220GZ

メーカー部品番号データシート部品情報
logo
Maxwell Technologies
OP220 MAXWELL-OP220 Datasheet
237Kb / 7P
   Dual Micropower Operational Amplifier
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com