データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP271 データシート(PDF) 4 Page - Analog Devices

部品番号 OP271
部品情報  High-Speed, Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP271 データシート(HTML) 4 Page - Analog Devices

  OP271_15 Datasheet HTML 1Page - Analog Devices OP271_15 Datasheet HTML 2Page - Analog Devices OP271_15 Datasheet HTML 3Page - Analog Devices OP271_15 Datasheet HTML 4Page - Analog Devices OP271_15 Datasheet HTML 5Page - Analog Devices OP271_15 Datasheet HTML 6Page - Analog Devices OP271_15 Datasheet HTML 7Page - Analog Devices OP271_15 Datasheet HTML 8Page - Analog Devices OP271_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
OP271
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP271 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(Continued from Page 1)
The OP271 offers outstanding dc and ac matching between chan-
nels. This is especially valuable for applications such as multiple
gain blocks, high-speed instrumentation and amplifiers, buffers
and active filters.
The OP271 conforms to the industry standard, 8-pin dual op amp
pinout. It is pin compatible with the TL072, TL082, LF412,
and 1458/1558 dual op amps and can be used to significantly
improve systems using these devices.
For applications requiring lower voltage noise, see the OP270.
For a quad version of the OP271, see the OP471.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . .
±1.0 V
Differential Input Current
2
. . . . . . . . . . . . . . . . . . . .
±25 mA
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . Supply Voltage
Output Short-Circuit Duration . . . . . . . . . . . . . . Continuous
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . 300
∞C
Junction Temperature (Tj) . . . . . . . . . . . . . –65
∞C to +150∞C
Operating Temperature Range
OP271A . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
∞C to +125∞C
OP271E, OP271F, OP271G . . . . . . . . . . .
–40
∞C to +85∞C
Package Type
jA
3
jC
Unit
8-Pin Hermetic DIP (Z)
134
12
∞C/W
8-Pin Plastic DIP (P)
96
37
∞C/W
8-Pin SOIC (S)
92
27
∞C/W
NOTES
1Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2The OP271’s inputs are protected by back-to-back diodes. Current limiting
resistors are not used in order to achieve low-noise performance. If differential
voltage exceeds
±1.0 V, the input current should be limited to ±25 mA.
3
jA is specified for worst case mounting conditions, i.e.,
jA is specified for
device in socket for CERDIP and P-DIP packages; jA is specified for device
soldered to printed circuit board for SOIC package.
ORDERING GUIDE
Package
TA = 25
∞C
Operating
VOS Max
CERDIP
Temperature
(
mV)
8-Pin
Plastic
Range
200
*OP271AZ
MIL
200
*OP271EZ
XND
300
*OP271FZ
XND
400
OP271GP
XND
400
*OP271GS
XND
*Not for new design, obsolete April 2002.


同様の部品番号 - OP271_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP271AZ AD-OP271AZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271EZ AD-OP271EZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271FZ AD-OP271FZ Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271GP AD-OP271GP Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP271GS AD-OP271GS Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
More results

同様の説明 - OP271_15

メーカー部品番号データシート部品情報
logo
Analog Devices
OP271 AD-OP271 Datasheet
411Kb / 10P
   HIGH SPEED DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271_02 Datasheet
270Kb / 12P
   High-Speed, Dual Operational Amplifier
REV. A
OP-271 AD-OP-271 Datasheet
411Kb / 10P
   HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM833 TI1-LM833 Datasheet
1Mb / 33P
[Old version datasheet]   Dual High-Speed Audio Operational Amplifier
LM833P TI1-LM833P Datasheet
954Kb / 26P
[Old version datasheet]   DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
325Kb / 16P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP249 AD-OP249 Datasheet
702Kb / 17P
   Dual, Precision JFET High Speed Operational Amplifier
REV. C
OP249 AD-OP249_17 Datasheet
441Kb / 19P
   Precision JFET, High Speed, Dual Operational Amplifier
AD826 AD-AD826 Datasheet
231Kb / 14P
   High-Speed, Low-Power Dual Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com