データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCPRO1050 データシート(PDF) 2 Page - Tripp Lite. All Rights Reserved

部品番号 BCPRO1050
部品情報  BC Pro 120V 1050VA 705W Standby UPS, Tower,USB port, 6 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

BCPRO1050 データシート(HTML) 2 Page - Tripp Lite. All Rights Reserved

  BCPRO1050_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved BCPRO1050_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT
Output Volt Amp Capacity (VA)
1050
Output kVA Capacity (kVA)
1
Output Watt Capacity (Watts)
705
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(6) 5-15R
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
6.4A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
15A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Cord Length (ft.)
6
Input Cord Length (m)
1.8
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
7 min. (705w)
Half Load Runtime (min.)
23 min. (355w)
DC System Voltage (VDC)
18
Battery Recharge Rate (Included
Batteries)
Less than 4 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC52 (quantity 3)
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
2 / 4


同様の部品番号 - BCPRO1050_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
More results

同様の説明 - BCPRO1050_15

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
BCPRO1050 TRIPPLITE-BCPRO1050 Datasheet
489Kb / 4P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
List of Unclassifed Man...
BCPRO1050 ETC2-BCPRO1050 Datasheet
493Kb / 6P
   BC Pro 1050VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400_15 Datasheet
489Kb / 4P
   BC Pro 120V 1400VA 940W Standby UPS, Tower,USB port, 6 Outlets
BCPRO600 TRIPPLITE-BCPRO600_15 Datasheet
483Kb / 4P
   BC Pro 120V 600VA 345W Standby UPS, Tower,USB port, 6 Outlets
logo
List of Unclassifed Man...
BCPRO1400 ETC2-BCPRO1400 Datasheet
492Kb / 6P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPRO1400 TRIPPLITE-BCPRO1400 Datasheet
488Kb / 4P
   BC Pro 1400VA Tower Standby 120V UPS with USB port
BCPRO600 TRIPPLITE-BCPRO600 Datasheet
483Kb / 4P
   BC Pro 600VA Tower Standby 120V UPS with USB port
OMNISMART1050 TRIPPLITE-OMNISMART1050_15 Datasheet
492Kb / 5P
   OmniSmart 120V 1050VA 705W Line-Interactive UPS, Tower, USB port
logo
List of Unclassifed Man...
BCPRO600 ETC2-BCPRO600 Datasheet
486Kb / 6P
   BC Pro 600VA Tower Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
BCPERS450 TRIPPLITE-BCPERS450_15 Datasheet
498Kb / 4P
   BC Personal 120V 450VA 280W Standby UPS,Tower, USB port, 3 Outlets
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com