データシートサーチシステム |
|
J108 データシート(PDF) 1 Page - Calogic, LLC |
|
J108 データシート(HTML) 1 Page - Calogic, LLC |
|
1 / 1 page N-Channel JFET Switch J108 – J110 / SST108 – SST110 FEATURES •• Low Cost •• Automated Insertion Package •• Low Insertion Loss •• No OffsetorErrorVoltagesGeneratedby Closed Switch Purely Resistive High Isolation Resistance from Driver •• Fast Switching •• Low Noise APPLICATIONS •• Analog Switches •• Choppers •• Commutators •• Low-Noise Audio Amplifiers ABSOLUTE MAXIMUM RATINGS (TA = 25 oC unless otherwise specified) Gate-Drain or Gate-Source Voltage . . . . . . . . . . . . . . . . -25V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Storage Temperature Range . . . . . . . . . . . . . -55 oC to +150oC Operating Temperature Range . . . . . . . . . . . -55 oC to +135oC Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300 oC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360mW Derate above 25 oC . . . . . . . . . . . . . . . . . . . . . . . 3.3mW/oC NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING INFORMATION Part Package Temperature Range J108-110 Plastic TO-92 -55 oC to +135oC XJ108-110 Sorted Chips in Carriers -55 oC to +135oC SST109-110 Plastic SOT-23 -55 oC to +135oC LLC PIN CONFIGURATION TO-92 S G D 5018 ELECTRICAL CHARACTERISTICS (TA = 25 oC unless otherwise specified) SYMBOL PARAMETER 108 109 110 UNITS TEST CONDITIONS MIN TYP MAX MIN TYP MAX MIN TYP MAX IGSS Gate Reverse Current (Note 1) -3 -3 -3 nA VDS = 0V, VGS = -15V VGS(off) Gate-Source Cutoff Voltage -3 -10 -2 -6 -0.5 -4 V VDS = 5V, ID = 1 µA BVGSS Gate-Source Breakdown Voltage -25 -25 -25 VDS = 0V, IG = -1 µA IDSS Drain Saturation Current (Note 2) 80 40 10 mA VDS = 15V, VGS = 0V ID(off) Drain Cutoff Current (Note 1) 3 3 3 nA VDS = 5V, VGS = -10V rDS(on) Drain-Source ON Resistance 8 12 18 Ω VDS ≤0.1V, VGS = 0V Cdg(off) Drain-Gate OFF Capacitance 15 15 15 pF VDS = 0, VGS = -10V (Note 3) f = 1MHz Csg(off) Source-Gate OFF Capacitance 15 15 15 Cdg(on) + Csg(on) Drain-Gate Plus Source-Gate ON Capacitance 85 85 85 VDS = VGS = 0 (Note 3) td(on) Turn On Delay Time 4 4 4 ns Switching Time Test Conditions (Note 3) J107 J109 J110 VDD 1.5V1.5V1.5V VGS(off) -12V -7V -5V RL 150 Ω 150 Ω 150 Ω tr Rise Time 1 1 1 td(off) Turn OFF Delay Time 6 6 6 tf Fall Time 30 30 30 NOTES: 1. Approximately doubles for every 10 oC increase in TA. 2. Pulse test duration = 300 µs; duty cycle ≤3%. 3. For design reference only, not 100% tested. PRODUCT MARKING (SOT-23) SST108 I 08 SST109 I 09 SST110 I 10 SOT-23 G S D CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX DS038 REV A |
同様の部品番号 - J108_15 |
|
同様の説明 - J108_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |