データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF830S データシート(PDF) 4 Page - Kersemi Electronic Co., Ltd.

部品番号 IRF830S
部品情報  Available in Tape and Reel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF830S データシート(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRF830S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF830S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
1500
1250
1000
750
0
250
500
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91064_05
91064_06
QG, Total Gate Charge (nC)
20
16
12
8
0
4
0
8
40
32
24
16
I
D = 3.1 A
V
DS = 100 V
V
DS = 250 V
For test circuit
see figure 13
V
DS = 400 V
101
100
VSD, Source-to-Drain Voltage (V)
0.4
1.2
1.0
0.8
0.6
25
°C
150
°C
V
GS = 0 V
91064_07
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 150 °C
Single Pulse
10-2
102
0.1
2
5
0.1
2
5
1
2
5
10
2
5
25
1
25
10
25
102
25
103
25
104
91064_08
IRF830S, SiHF830S
2014-8-28
4
www.kersemi.com


同様の部品番号 - IRF830S

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF830S IRF-IRF830S Datasheet
175Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
179Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
Guangdong Kexin Industr...
IRF830S KEXIN-IRF830S Datasheet
1Mb / 6P
   N-Channel MOSFET
logo
Vishay Siliconix
IRF830S VISHAY-IRF830S Datasheet
238Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF830SPBF IRF-IRF830SPBF Datasheet
329Kb / 9P
   HEXFET짰 Power MOSFET
More results

同様の説明 - IRF830S

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
Anaren Microwave
XDL21-6-117 ANAREN-XDL21-6-117 Datasheet
363Kb / 3P
   Available in Tape & Reel
logo
DinTek Semiconductor Co...
DTL1N60 DINTEK-DTL1N60 Datasheet
3Mb / 12P
   Power MOSFET Available in Tape and Reel
DTL2N60 DINTEK-DTL2N60_13 Datasheet
3Mb / 11P
   Power MOSFET Available in Tape and Reel
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com