データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFBE30 データシート(PDF) 1 Page - Kersemi Electronic Co., Ltd.

部品番号 IRFBE30
部品情報  Dynamic dV/dt Rating Repetitive Avalanche Rated
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFBE30 データシート(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRFBE30 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFBE30 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFBE30 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFBE30 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFBE30 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFBE30 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFBE30 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Power MOSFET
IRFBE30
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 29 mH, RG = 25 Ω, IAS = 4.1 A (see fig. 12).
c. ISD ≤ 4.1 A, dI/dt ≤ 100 A/µs, VDD ≤ 600, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
800
RDS(on) (Ω)VGS = 10 V
3.0
Qg (Max.) (nC)
78
Qgs (nC)
9.6
Qgd (nC)
45
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220
G
D
S
ORDERING INFORMATION
Package
TO-220
Lead (Pb)-free
IRFBE30PbF
SiHFBE30-E3
SnPb
IRFBE30
SiHFBE30
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
800
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
4.1
A
TC = 100 °C
2.6
Pulsed Drain Currenta
IDM
16
Linear Derating Factor
1.0
W/°C
Single Pulse Avalanche Energyb
EAS
260
mJ
Repetitive Avalanche Currenta
IAR
4.1
A
Repetitive Avalanche Energya
EAR
13
mJ
Maximum Power Dissipation
TC = 25 °C
PD
125
W
Peak Diode Recovery dV/dtc
dV/dt
2.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
www.kersemi.com
2014-8-13
1


同様の部品番号 - IRFBE30

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
logo
Vishay Siliconix
IRFBE30 VISHAY-IRFBE30 Datasheet
1Mb / 8P
   Power MOSFET
S-81262-Rev. A, 07-Jul-08
IRFBE30 VISHAY-IRFBE30 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRFBE30 VISHAY-IRFBE30 Datasheet
585Kb / 9P
   Power MOSFET
09-Jul-2021
logo
Inchange Semiconductor ...
IRFBE30 ISC-IRFBE30 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-8-17
More results

同様の説明 - IRFBE30

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRFR110 KERSEMI-IRFR110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRFP240 KERSEMI-IRFP240 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF540PBF KERSEMI-IRF540PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF630PBF KERSEMI-IRF630PBF Datasheet
5Mb / 8P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
IRF9Z34 KERSEMI-IRF9Z34 Datasheet
7Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated P-Channel
logo
International Rectifier
IRFM150 IRF-IRFM150 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
IRFE330 IRF-IRFE330 Datasheet
133Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRF240 IRF-IRF240 Datasheet
149Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED
IRHM7360 IRF-IRHM7360 Datasheet
332Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com