データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS510 データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 SS510
部品情報  5.0A Surface Mount Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SS510 データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  SS510 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SS510 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0A Surface Mount Schottky Barrier Rectifier
SS52-SS510
·
·
·
·
·
·
Features
Mechanical Data
Maximum Ratings @ T
A = 25
°C unless otherwise specified
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
·
·
·
1of2
Metal-Semiconductor junction with gard ring
Epitaxial construction
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low vlotage, high frequency inverters,
ree wheeling, and polarity protection applications
Case
Molded Plastic
Polarity:Color band denotes cathode
Weight: 0.007 ounces,0.21 grams
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
SS52
SS53
SS54
SS55
SS56
SS58
SS510
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward Rectified Current
0.375″(9.5mm) Lead Lengths
@TL=95 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Maximum Forward Voltage at 5.0A DC
VF
0.45
0.55
0.6
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Bolcking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
R JA
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
0.85
15
I(AV)
IFSM
5.0
150
1.0
50
IR
350
10
-55 to +150
-55 to +150
A
A
mA
NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
0.7
500
2.Thermal resistance junction to ambient,


同様の部品番号 - SS510

メーカー部品番号データシート部品情報
logo
Suntan Capacitors
SS510 SUNTAN-SS510 Datasheet
392Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Frontier Electronics.
SS510 FRONTIER-SS510 Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dongguan City Niuhang E...
SS510 NIUHANG-SS510 Datasheet
387Kb / 3P
   SCHOTTKY RECTIFIERS
logo
Guangdong Juxing Electr...
SS510 JUXING-SS510 Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
logo
ASEMI TECHNOLOGY., LTD
SS510 ASEMI-SS510 Datasheet
61Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
More results

同様の説明 - SS510

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
B520CQ DIODES-B520CQ Datasheet
431Kb / 5P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
January 2016
logo
SUNMATE electronic Co.,...
SK52 SUNMATE-SK52 Datasheet
101Kb / 2P
   5.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B520C-13 DIODES-B520C-13 Datasheet
293Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B540C-13 DIODES-B540C-13 Datasheet
167Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B520C DIODES-B520C Datasheet
48Kb / 2P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
B520C DIODES-B520C_10 Datasheet
97Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
B520C DIODES-B520C_15 Datasheet
293Kb / 4P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B520C_ DIODES-B520C_ Datasheet
426Kb / 3P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
B520CE DIODES-B520CE Datasheet
478Kb / 5P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
December 2019 Rev. 3 - 3
logo
Won-Top Electronics
SD520S WTE-SD520S Datasheet
43Kb / 3P
   5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com