データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW50 データシート(PDF) 3 Page - SUNMATE electronic Co., LTD

部品番号 BZW50
部品情報  5000 Watts Axial Leaded Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW50 データシート(HTML) 3 Page - SUNMATE electronic Co., LTD

  BZW50 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW50 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW50 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PEAK PULSE POWER RATING CURVE
FIG.5 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
3 of 3
80
60
40
20
120
8
400
0
600
0
300
200
100
2
6
0
4
tp, PULSE WIDTH (ms)
100
500
10
20
60
1
2
4
6
40
100
100
125
175
0
25
50
75
150
0.001
0.01
0.11
100
10
200
TL, LEAD TEMPERATURE (
°C)
50
100
0
tr = 10
µs
Peak Value
IPPM
Ta=25
°C
Pulse W idth (td) is defined
as that point where the peak
current decays to 50%
of IPPM
tp
10x1000
µs Waveform
as defined by R.E.A.
Half Value - IPPM
2
T, TIME(ms)
1
E7
1
E6
1
E5
1
E4
1
E3
1
E2
Exponential waveform
Peak Power
(on printed circuit)
Average Power
(on infinite heatsink)
L = 10mm


同様の部品番号 - BZW50

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
BZW50 EIC-BZW50 Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50 STMICROELECTRONICS-BZW50 Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
logo
New Jersey Semi-Conduct...
BZW50 NJSEMI-BZW50 Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
BZW50 NJSEMI-BZW50 Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
BZW50-10 NJSEMI-BZW50-10 Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - BZW50

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
BZW04P5V8 SUNMATE-BZW04P5V8 Datasheet
1Mb / 6P
   400 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
5KP5.0A YFWDIODE-5KP5.0A_V01 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
logo
Littelfuse
5KP5.0A LITTELFUSE-5KP5.0A Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com