データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW04-10CA データシート(PDF) 4 Page - SUNMATE electronic Co., LTD

部品番号 BZW04-10CA
部品情報  400 Watts Axial Leaded Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW04-10CA データシート(HTML) 4 Page - SUNMATE electronic Co., LTD

  BZW04-10CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW04-10CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW04-10CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW04-10CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD BZW04-10CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD BZW04-10CA Datasheet HTML 6Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
168
176
152
BZW04-136
BZW04P136
158
165
143
BZW04-128
BZW04P128
137
143
124
BZW04-110
BZW04P110
126
132
114
BZW04-102
BZW04P102
116
121
BZW04-94
BZW04P94
105
110
95.0
BZW04-85
BZW04P85
95.5
100
86.5
BZW04-78
BZW04P78
86.1
90.2
77.9
BZW04-70
BZW04P70
78.8
82.5
71.3
71.3
BZW04-64
BZW04P64
71.4
74.8
74.8
BZW04-58
BZW04P58
68.2
65.1
BZW04-53
BZW04P53
M
in
M
ax
Maximum
reverse
leakge
at VWM
ID (NOTE3)(μA)
Maximum
peak pulse
IPPM(NOTE2)
(A)
Maximum
clamping
voltage at
IPPM VC(V)
Maximum
temperature
coefficient
of V(BR)
(%/ )
Breakdow n
voltage V(BR)
(V)(NOTE1)
Test
current
at IT
(mA)
102
1.0
Stand-off
voltage
VWM
(V)
128
1.0
2.0
207
0.108
111
1.0
128
1.0
207
179
0.107
0.107
0.108
165
0.107
2.2
179
2.0
111
1.0
0.107
1.0
2.4
165
0.107
1.0
2.6
2.4
2.9
103
102.0
94.0
152
85.0
53.0
1.0
4.7
85.0
92.0
92.0
103
85.5
53.0
58.1
58.1
64.1
64.1
85.5
70.1
70.1
78.0
1.0
1.0
1.0
1.0
2.2
2.9
1.0
1.0
1.0
1.0
1.0
1.0
4.3
4.3
3.9
1.0
137
152
3.5
3.5
3.2
3.2
2.6
113
113
125
0.104
0.104
0.104
0.105
0.104
0.105
0.105
0.105
0.105
94.0
0.105
0.106
0.106
0.107
125
1.0
137
Device
type
78.0
3.9
4.7
58.9
58.9
74.8
71.4
74.8
74.8
BZW04-58
BZW04P58
92.0
92.0
58.1
58.1
1.0
1.0
4.3
4.3
0.104
0.104
74.8
68.2
65.1
BZW04-53
BZW04P53
85.0
53.0
1.0
4.7
85.0
53.0
1.0
0.104
0.104
4.7
58.9
58.9
78.8
82.5
71.3
71.3
BZW04-64
BZW04P64
103
103
64.1
64.1
1.0
3.9
1.0
0.105
0.105
3.9
77.9
86.1
90.2
77.9
BZW04-70
BZW04P70
70.1
70.1
1.0
1.0
3.5
3.5
113
113
0.105
0.105
77.9
86.5
95.5
100
86.5
BZW04-78
BZW04P78
78.0
1.0
1.0
3.2
3.2
125
0.105
0.105
125
78.0
86.5
95.0
105
110
95.0
BZW04-85
BZW04P85
2.9
85.5
85.5
2.9
1.0
137
0.106
0.106
1.0
137
95.0
105
105
116
121
BZW04-94
BZW04P94
0.107
1.0
2.6
94.0
152
1.0
152
2.6
94.0
0.107
105
105
114
126
132
114
BZW04-102
BZW04P102
102
1.0
165
0.107
1.0
2.4
165
0.107
2.4
102.0
114
124
137
143
124
BZW04-110
BZW04P110
111
1.0
179
0.107
0.107
2.2
179
111
1.0
2.2
124
143
158
165
143
BZW04-128
BZW04P128
128
1.0
2.0
207
0.108
128
1.0
207
0.108
2.0
143
0.108
136
1.0
1.8
219
219
1.0
1.8
0.108
136
152
168
176
152
BZW04-136
BZW04P136
0.108
136
1.0
1.8
219
219
1.0
1.8
0.108
136
152
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
A
CA
CA
A
A
CA
A
CA
A
4of6


同様の部品番号 - BZW04-10CA

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BZW04-10 STMICROELECTRONICS-BZW04-10 Datasheet
130Kb / 6P
   TRANSIL
logo
Taiwan Semiconductor Co...
BZW04-10 TSC-BZW04-10 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
BZW04-10 SUNMATE-BZW04-10 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
EIC discrete Semiconduc...
BZW04-10 EIC-BZW04-10 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-10 VISHAY-BZW04-10 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
More results

同様の説明 - BZW04-10CA

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
3KE13CA SUNMATE-3KE13CA Datasheet
87Kb / 4P
   3000 Watts Axial Leaded Transient Voltage Suppressor
BZW50 SUNMATE-BZW50 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
1N6267 SUNMATE-1N6267 Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
15KP12A SUNMATE-15KP12A Datasheet
83Kb / 3P
   15000 Watts Axial Leaded Transient Voltage Suppressor
20KPA20CA SUNMATE-20KPA20CA Datasheet
130Kb / 4P
   20000 Watts Axial Leaded Transient Voltage Suppressor
30KPA28CA SUNMATE-30KPA28CA Datasheet
115Kb / 4P
   30000 Watts Axial Leaded Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com