データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCE6.5 データシート(PDF) 4 Page - SUNMATE electronic Co., LTD

部品番号 LCE6.5
部品情報  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LCE6.5 データシート(HTML) 4 Page - SUNMATE electronic Co., LTD

  LCE6.5 Datasheet HTML 1Page - SUNMATE electronic Co., LTD LCE6.5 Datasheet HTML 2Page - SUNMATE electronic Co., LTD LCE6.5 Datasheet HTML 3Page - SUNMATE electronic Co., LTD LCE6.5 Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.1 - PEAK PULSE POWER RATING CURVE
FIG.2 - PULSE DERATING CURVE
FIG.3 - PULSE WAVEFORM
100
10
0.1
1.0
tp, PULSE W IDTH
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
80
60
40
20
120
0
100
0
25
75
50
100
125
150
175
Peak Power
(single Pulse)
Average Power
Lead Lengths
0.375"(9.5mm)
TL, LEAD TEMPERATURE (
°C)
50
100
0
Tf = 10
µs
Peak Value
IRMS
Half Value - IRMS
TJ=25
°C
Pulse W idth (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 W aveform
as defined by R.E.A.
T, TIME(ms)
2
tp
1
0
2
3
4
100ms
4of4


同様の部品番号 - LCE6.5

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
LCE6.5 EIC-LCE6.5 Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
LCE6.5 VISHAY-LCE6.5 Datasheet
93Kb / 5P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5 TAYCHIPST-LCE6.5 Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
LCE6.5 SOCAY-LCE6.5 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - LCE6.5

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com