データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX55C36 データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 BZX55C36
部品情報  500mW Axial Leaded Small Signal Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZX55C36 データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZX55C36 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZX55C36 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
·
·
A
A
B
C
D
·
·
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Component in accordance to RoHS 2002/95/EC
Lead (Pb)-free component
Available with tighter tolerances
Low noise
Very high stability
Low reverse current level
Very sharp reverse characteristic
and WEEE 2002/96/EC
·
·
·
·
Case: DO35 glass case
Weight: approx. 125 mg
Cathode Band Color: black
Packaging Codes/Options:
TR/10 k per 13" reel, 30 k/box
TAP/10 k per ammopack (52 mm tape), 30 k/box
·
·
·
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
l = 4 mm, TL = 25 °C
Ptot
500
mW
Z-current
IZ
Ptot/VZ
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 200 mA
VF
1.5
V
BZX55-Series
500mW Axial Leaded Small Signal Zener Diodes
1of2


同様の部品番号 - BZX55C36

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
BZX55C36 TSC-BZX55C36 Datasheet
170Kb / 4P
   Hermatically Sealed Glass Zener
logo
Vishay Siliconix
BZX55C36 VISHAY-BZX55C36 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Micro Commercial Compon...
BZX55C36 MCC-BZX55C36 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Chongqing Pingwei Enter...
BZX55C36 CHONGQING-BZX55C36 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C36 VISHAY-BZX55C36 Datasheet
122Kb / 8P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
More results

同様の説明 - BZX55C36

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
BAT85 SUNMATE-BAT85 Datasheet
230Kb / 2P
   0.2A Axial Leaded Small Signal Schottky Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
   200mA Axial Leaded Small Signal Switching Diodes
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
   200mA Axial Leaded Small Signal Switching Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com