データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBJ-LC150A データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 SMBJ-LC150A
部品情報  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBJ-LC150A データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMBJ-LC150A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBJ-LC150A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMBJ-LC150A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMBJ-LC150A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Maximum Ratings and Electrical Characteristics
SMB
Dim
Min
Max
A
3.30
3.94
B
4.00
4.65
C
1.95
2.21
D
0.15
0.40
E
5.00
6.00
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
Mechanical Data
A
B
C
D
G
H
E
J
·
·
·
·
·
·
·
·
·
·
SMBJ-LC5.0—SMBJ-LC188
600 Watts Surface Mount Low Capacitance
Transient Voltage Suppressor
Pb / RoHS Free
Very response Time
Excellent clamping capability
Low
600W peak pulse power capability
with a 10/1000µs waveform
junction capacitance
Weight : 0.108 gram
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Lead Formed for Surface Mount
Epoxy : UL94V-O rate flame retardant
Case : SMB Molded plastic
·
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000
μs waveform (1)(2)
W
Peak Pulse Current on 10/1000
μs waveform (1)
A
Typical Thermal resistance, Junction to ambient
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse and derated above Ta = 25
°C
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal.
RӨJA
100
Minimum 600
See Table
IPPM
PPPM
1of4


同様の部品番号 - SMBJ-LC150A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SMBJ-LC150A EIC-SMBJ-LC150A Datasheet
125Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMBJ-LC150A SUNMATE-SMBJ-LC150A Datasheet
748Kb / 4P
   SURFACE MOUNT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMBJ-LC150A

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com