データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7413 データシート(PDF) 1 Page - International Rectifier

部品番号 7413
部品情報  Power MOSFET(Vdss=30V, Id=12A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

7413 データシート(HTML) 1 Page - International Rectifier

  7413 Datasheet HTML 1Page - International Rectifier 7413 Datasheet HTML 2Page - International Rectifier 7413 Datasheet HTML 3Page - International Rectifier 7413 Datasheet HTML 4Page - International Rectifier 7413 Datasheet HTML 5Page - International Rectifier 7413 Datasheet HTML 6Page - International Rectifier 7413 Datasheet HTML 7Page - International Rectifier 7413 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
3/19/02
IRF7413
SMPS MOSFET
HEXFET® Power MOSFET
l High frequency DC-DC converters
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
12
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
9.6
A
IDM
Pulsed Drain Current

96
PD @TA = 25°C
Power Dissipation
„
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
†
1.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through † are on page 8
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max(mW)
ID
30V
11@VGS = 10V
12A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
„
–––
50
°C/W
Thermal Resistance
PD- 91330F


同様の部品番号 - 7413

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
74130 ETC2-74130 Datasheet
452Kb / 2P
   Phillips Bits
74131 ETC2-74131 Datasheet
452Kb / 2P
   Phillips Bits
logo
National Semiconductor ...
74132 NSC-74132 Datasheet
98Kb / 4P
   DM54132/DM74132 Quad 2-Input NAND Gates with Schmitt Trigger Inputs
logo
List of Unclassifed Man...
74132PC ETC1-74132PC Datasheet
1Mb / 29P
   CYFROWE UKLADY SCALONE TTL
74133 ETC2-74133 Datasheet
452Kb / 2P
   Phillips Bits
More results

同様の説明 - 7413

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7460 IRF-IRF7460 Datasheet
121Kb / 8P
   Power MOSFET(Vdss=20V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com