データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMART1500XL データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 SMART1500XL
部品情報  SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500XL データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART1500XL_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500XL_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,
Extended Run, Tower, USB, DB9 Serial
MODEL NUMBER: SMART1500XL
Description
Tripp Lite's SMART 1500XL intelligent, line interactive UPS system protects servers, networking accessories
and telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large internal
batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures. Runtime is expandable with the addition of BP36V15-2U (limit 1);
BP36V42-3U (multi-pack compatible) and BP36V27-2US (multi-pack compatible) external battery packs. 1500VA/980 watt power handling capability supports
a variety of networking, telecom and various other application types. Includes a total of 6 outlets, 1 of which can be individually powered on and off via software
interface to selectively reboot remote equipment or to shed less significant loads to extend battery runtime for more critical equipment. Supports remote
monitoring of UPS and site power conditions via built-in USB and DB9 monitoring ports. Includes PowerAlert UPS monitoring and unattended shutdown
software with complete cabling. Notification of system status via 5 LEDs and multi-function audible alarms. Wall mountable with UPSWM wallmount bracket.
Network-grade AC surge suppression protects equipment from damage and performance problems resulting from transient surges. Attractive, small-footprint
tower housing uses less than 66 square inches of floor or desktop space.
Features
1500VA/980 watt power handling capability supports a variety of networking, telecom and various other application types
Large internal batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures
Runtime is expandable with the addition of BP36V15-2U (limit 1); BP36V42-3U (multi-pack compatible) and BP36V27-2US (multi-pack compatible)
external battery packs
Automatic Voltage Regulation (AVR) circuits with two boost and one voltage reduction level maintains usable 120V nominal output over an input voltage
range of 75-147V
Includes a total of 6 NEMA5-15R outlets, 1 of which can be individually powered on and off via software interface to selectively reboot remote equipment
or shed less significant loads to extend battery runtime for more critical equipment
Includes 1 USB and 1 DB9 monitoring port for remote monitoring of UPS status and site power conditions
PowerAlert UPS monitoring and unattended shutdown software with complete cabling included
Notification of system status via 5 LEDs and multi-function audible alarms
Wall mountable with UPSWM wallmount bracket
Attractive small footprint black tower housing uses less than 66 square inches
Built-in rear-exit cooling fan runs as needed to maintain optimal internal temperatures during extended run battery operation
Highlights
1.5kVA / 1500VA line interactive
tower UPS system
120V output, Corrects brownouts
and overvoltages from 75V to
147V
Expandable runtime, Status
LEDs with load level and battery
capacity display
USB & RS232 ports, 1 switched
load bank, Hot-swap batteries
NEMA 5-15P input, 6 NEMA
5-15R outlets
Package Includes
SMART1500XL UPS System
USB and DB9 monitoring cables
PowerAlert unattended shutdown
and UPS/Power monitoring
software
1 / 5


同様の部品番号 - SMART1500XL_15

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
More results

同様の説明 - SMART1500XL_15

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
SMART1500XLTAA TRIPPLITE-SMART1500XLTAA Datasheet
503Kb / 5P
   TAA-Compliant SmartPro 120V 1.5kVA 980W Line-Interactive UPS, Extended Run, Tower, USB,DB9 Serial
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
   SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
logo
List of Unclassifed Man...
SMART3000NET ETC2-SMART3000NET Datasheet
514Kb / 6P
   SmartPro 3kVA Line Interactive UPS, Extended-run option, Tower, Serial, 120V
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
   SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
   SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com