データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMART2200VS データシート(PDF) 3 Page - Tripp Lite. All Rights Reserved

部品番号 SMART2200VS
部品情報  SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2200VS データシート(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMART2200VS_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2200VS_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2200VS_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2200VS_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART2200VS_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BATTERY
Full Load Runtime (min.)
7 min. (1600w)
Half Load Runtime (min.)
19 min. (800w)
DC System Voltage (VDC)
48
Battery Recharge Rate (Included
Batteries)
Less than 4 hours from 10% to 90% (typical, full load discharge)
Internal UPS Replacement Battery
Cartridge
RBC54
Battery Access
Battery access door
Battery Replacement Description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 79V to 147V
Overvoltage Correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage Correction
Input voltages between 95 and 104 are boosted by 12%
Severe Undervoltage Correction
Input voltages between 79 and 94 are boosted by 24%
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Audible Alarm
Audible alarm indicates power-failure, overload and low-battery conditions
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
480
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
14.2 x 9.2 x 12
UPS Power Module Dimensions
(hwd, cm)
36.2 x 23.5 x 30.5
UPS Power Module Weight (lbs.)
52.4
UPS Power Module Weight (kg)
23.8
3 / 5


同様の部品番号 - SMART2200VS_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
logo
Tripp Lite. All Rights ...
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
More results

同様の説明 - SMART2200VS_15

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
   SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART500RT1U TRIPPLITE-SMART500RT1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SM2200RMDVTAA TRIPPLITE-SM2200RMDVTAA Datasheet
502Kb / 5P
   SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Dual Voltage, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
SMART2200RM2U TRIPPLITE-SMART2200RM2U_15 Datasheet
504Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack-Tower,LCD, USB, DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com