データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMART2200VS データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 SMART2200VS
部品情報  SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2200VS データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART2200VS_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2200VS_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2200VS_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2200VS_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART2200VS_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,
Tower, SNMP, Webcard, USB, DB9 Serial, Gray
MODEL NUMBER: SMART2200VS
Description
Tripp Lite's SMART 2200VS intelligent, line interactive UPS protects server, networking and telecommunications
equipment from blackouts, voltage fluctuations and transient surges. Small footprint, tower UPS system occupies only 106 square inches of floor space with a
height of only 14.25 inches. Large capacity 2200 VA/ 1600 watt rated UPS system offers 7 minutes runtime at full load and 19 minutes at half load during
power failures. Line interactive voltage regulation corrects brownouts as low as 79V and overvoltages as high as 147V to fully regulated 120V nominal output
for smooth continuous operation of connected equipment. Includes a total of 9 outlets, 3 pairs of which can be individually powered off and back on via
software interface to selectively reboot remote equipment or shed less critical loads to extend battery runtime for more critical loads. Includes slot for internal
SNMPWEBCARD, plus 2 DB9 and 2 USB enhanced monitoring ports for unattended shutdown, remote control and monitoring of UPS system and power
data. Ships in attractive gray color scheme. Compatible with Tripp Lite's PowerAlert and Watchdog service software.
Features
2200VA/1600 watt output capacity accommodates a variety of server, networking and telecom devices
High power density 2.2kVA UPS system occupies only 106 square inches of floor space with a height of only 14.25 inches
Compatible with North American 120V/60 Hz power as found in the USA, Canada and Mexico
Offers 7 minutes runtime with a full load of 2200VA and 19 minutes with a half load of 1100VA
Line interactive voltage regulation corrects severe brownouts and overvoltages from 79 to 147v back to normal 120v levels without using battery power
9 total outlets (7 NEMA5-15R; 2 NEMA5-15/20R)
Includes NEMA 5-20 straight blade 20 amp input plug connection
Notification of system status via 5 LEDs and multi-function audible alarms
Included PowerAlert Software provides e-mail notification of power problems and the simultaneous automatic unattended shutdown of multiple servers
4 built-in communications ports (2-DB9, 2-USB) for remote monitoring and unattended shutdown
Slot for SNMP/web card (part#: SNMPWEBCARD) and environmental sensor (part#: ENVIROSENSE) for remote communications in large IP
environments
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
computers by automatically switching UPS power off and back on again
Communication ports support on battery, low battery, power restored, AC line voltage, DC battery voltage, load percentage, battery charge current,
battery capacity, internal UPS temperature and line frequency status messaging. Interface supports timed inverter shutoff after unattended shutdown,
Highlights
2.2kVA / 2200VA line interactive
tower UPS system
120V nominal output during
brownouts to 79V and
overvoltages to 147V
Front panel status LEDs with
load and battery capacity level
display
USB, RS232, EPO and optional
SNMP/Web card are available
for simultaneous use
NEMA 5-20P input; 2 NEMA
5-15/20R & 7 5-15R outlets
Package Includes
SMART 2200VS UPS System,
PowerAlert Software and cabling,
Instruction manual
1 / 5


同様の部品番号 - SMART2200VS_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
logo
Tripp Lite. All Rights ...
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
More results

同様の説明 - SMART2200VS_15

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
SMART2200VSXL TRIPPLITE-SMART2200VSXL_15 Datasheet
511Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
   SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SMART500RT1U TRIPPLITE-SMART500RT1U_15 Datasheet
481Kb / 5P
   SmartPro 120V 500VA 300W Line-Interactive UPS,SNMP, Webcard, 1U Rack-Tower, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SM2200RMDVTAA TRIPPLITE-SM2200RMDVTAA Datasheet
502Kb / 5P
   SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Dual Voltage, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
SMART2200RM2U TRIPPLITE-SMART2200RM2U_15 Datasheet
504Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack-Tower,LCD, USB, DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com