データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMART2200VSXL データシート(PDF) 2 Page - Tripp Lite. All Rights Reserved

部品番号 SMART2200VSXL
部品情報  SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial, Gray
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART2200VSXL データシート(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMART2200VSXL_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART2200VSXL_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART2200VSXL_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART2200VSXL_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART2200VSXL_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
computers by automatically switching UPS power off and back on again
Communication ports support on battery, low battery, power restored, AC line voltage, DC battery voltage, load percentage, battery charge current,
battery capacity, internal UPS temperature and line frequency status messaging. Interface supports timed inverter shutoff after unattended shutdown,
activate self-test and 10 second reboot of connected equipment
3 individual customized load management receptacles can be individually powered off and back on again via software interface to reboot remote
equipment or shed less critical loads to extend battery runtime for the most critical equipment
Built-in Emergency Power Off (EPO) interface supports emergency shutoff in large facilities
Hot-swappable/user replaceable batteries allow on-site battery replacement without powering off connected equipment
UPS battery set ships fully assembled and ready for use, no time consuming, connection of individual internal batteries by user is necessary
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
2200
Output kVA Capacity (kVA)
2.2
Output Watt Capacity (Watts)
1600
Output kW Capacity (kW)
1.6
Power Factor
0.7
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
-18% / +8%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(7) 5-15R; (2) 5-15/20R; (1) L5-20R
Load Management Receptacles
Three switchable single-outlet 5-15R load banks
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
16A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-20P
Input Circuit Breakers
20A
UPS Input Cord Length (ft.)
8
UPS Input Cord Length (m)
2.4
Recommended Electrical Service
20A 120V
2 / 5


同様の部品番号 - SMART2200VSXL_15

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
   SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
More results

同様の説明 - SMART2200VSXL_15

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
SMART2200VS TRIPPLITE-SMART2200VS_15 Datasheet
508Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial, Gray
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
   SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
   TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART3000VS TRIPPLITE-SMART3000VS_15 Datasheet
507Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, 120V, USB,DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SMART2200RMXL2UP TRIPPLITE-SMART2200RMXL2UP Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200RMXL2U TRIPPLITE-SMART2200RMXL2U_15 Datasheet
506Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
   TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SMARTINT3000VS TRIPPLITE-SMARTINT3000VS Datasheet
505Kb / 5P
   SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com