データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF7509TR データシート(PDF) 1 Page - International Rectifier

部品番号 IRF7509TR
部品情報  Power MOSFET(Vdss=-30V)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF7509TR データシート(HTML) 1 Page - International Rectifier

  IRF7509TR Datasheet HTML 1Page - International Rectifier IRF7509TR Datasheet HTML 2Page - International Rectifier IRF7509TR Datasheet HTML 3Page - International Rectifier IRF7509TR Datasheet HTML 4Page - International Rectifier IRF7509TR Datasheet HTML 5Page - International Rectifier IRF7509TR Datasheet HTML 6Page - International Rectifier IRF7509TR Datasheet HTML 7Page - International Rectifier IRF7509TR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF7509
PD - 91270J
q
Generation V Technology
q
Ultra Low On-Resistance
q
Dual N and P Channel MOSFET
q
Very Small SOIC Package
q
Low Profile (<1.1mm)
q
Available in Tape & Reel
q
Fast Switching
HEXFET® Power MOSFET
N-Ch
P-Ch
VDSS
30V
-30V
RDS(on) 0.11Ω 0.20Ω
12/1/98
Micro 8
Fifth
Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve extremely low on-resistance per silicon
area. This benefit, combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well known for, provides the
designer with an extremely efficient and reliable device for use in a wide variety
of applications.
The new Micro8 package, with half the footprint area of the standard SO-8,
provides the smallest footprint available in an SOIC outline. This makes the
Micro8 an ideal device for applications where printed circuit board space is at
a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into
extremely thin application environments such as portable electronics and
PCMCIA cards.
Description
D1
D1
D2
D2
G1
S2
G2
S1
T op V ie w
8
1
2
3
4
5
6
7
N-CHANNE L M O SFET
P-CHANNE L M O SFET
www.irf.com
1
Parameter
Max.
Units
N-Channel
P-Channel
VDS
Drain-Source Voltage
30
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS
2.7
-2.0
ID @ TA = 70°C
Continuous Drain Current, VGS
2.1
-1.6
A
IDM
Pulsed Drain Current

21
-16
PD @TA = 25°C
Maximum Power Dissipation
„
1.25
W
PD @TA = 70°C
Maximum Power Dissipation
„
0.8
W
Linear Derating Factor
10
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µS
30
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
V/ns
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Soldering Temperature, for 10 seconds
240 (1.6mm from case)
Thermal Resistance
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
100
°C/W
Absolute Maximum Ratings


同様の部品番号 - IRF7509TR

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7509TRPBF IRF-IRF7509TRPBF Datasheet
247Kb / 8P
   Generation V Technology
More results

同様の説明 - IRF7509TR

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7705 IRF-IRF7705 Datasheet
146Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7752 IRF-IRF7752 Datasheet
117Kb / 7P
   Power MOSFET(Vdss=30V)
IRF5805 IRF-IRF5805 Datasheet
126Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7751 IRF-IRF7751 Datasheet
162Kb / 8P
   Power MOSFET(Vdss=-30V)
IRLML5203 IRF-IRLML5203 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF9952 IRF-IRF9952 Datasheet
134Kb / 10P
   Power MOSFET(Vdss=-30V)
IRF7706 IRF-IRF7706 Datasheet
152Kb / 8P
   Power MOSFET(Vdss=-30V)
IRF7726 IRF-IRF7726 Datasheet
95Kb / 9P
   Power MOSFET(Vdss=-30V)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com