データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF9Z24N データシート(PDF) 1 Page - Kersemi Electronic Co., Ltd.

部品番号 IRF9Z24N
部品情報  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9Z24N データシート(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF9Z24N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9Z24N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF9Z24N
Power MOSFET
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220
contribute to its wide acceptance throughout the
industry.
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-12
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-8.5
A
IDM
Pulsed Drain Current

-48
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.30
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
96
mJ
IAR
Avalanche Current

-7.2
A
EAR
Repetitive Avalanche Energy

4.5
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = -55V
RDS(on) = 0.175Ω
ID = -12A
TO-220AB
l Advanced Process Technology
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l P-Channel
l Fully Avalanche Rated
Description
S
D
G
2014-8-9
1
www.kesemi.com


同様の部品番号 - IRF9Z24N

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
logo
Guangdong Youtai Semico...
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
   -55V P-Channel MOSFET
logo
International Rectifier
IRF9Z24NL IRF-IRF9Z24NL Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24NL IRF-IRF9Z24NL Datasheet
179Kb / 11P
   Advanced Process Technology
IRF9Z24NLPBF IRF-IRF9Z24NLPBF Datasheet
394Kb / 11P
   HEXFET Power MOSFET
More results

同様の説明 - IRF9Z24N

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com