データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF9540NS データシート(PDF) 1 Page - Kersemi Electronic Co., Ltd.

部品番号 IRF9540NS
部品情報  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9540NS データシート(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  IRF9540NS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF9540NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9540NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9540NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9540NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9540NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9540NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9540NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF9540NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF9540NS/L
l Advanced Process Technology
l Surface Mount (IRF9540S)
l Low-profile through-hole (IRF9540L)
l 175°C Operating Temperature
l Fast Switching
l P-Channel
l Fully Avalanche Rated
S
D
G
Absolute Maximum Ratings
The D2Pak is a surface mount power package capable of
accommodatingdiesizesuptoHEX-4.Itprovidesthehighest
power capability and the lowest possible on-resistance in
any existing surface mount package. The D2Pak is suitable
for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a
typical surface mount application.
The through-hole version (IRF9540L) is available for low-
profile applications.
Description
VDSS = -100V
RDS(on) = 0.117Ω
ID = -23A
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.1
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V…
-23
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V…
-16
A
IDM
Pulsed Drain Current
…
-76
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
140
W
Linear Derating Factor
0.91
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
430
mJ
IAR
Avalanche Current

-11
A
EAR
Repetitive Avalanche Energy

14
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
TO-263
TO-262
www.kersemi.com
1
2014-8-38


同様の部品番号 - IRF9540NS

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Inchange Semiconductor ...
IRF9540NS ISC-IRF9540NS Datasheet
297Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF9540NS/L IRF-IRF9540NS/L Datasheet
311Kb / 11P
   Advanced Process Technology
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
   HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
332Kb / 11P
   Advanced Process Technology
More results

同様の説明 - IRF9540NS

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com