データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPL5010 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPL5010
部品情報  Supply Voltage from 1.8V to 5.5V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5010 データシート(HTML) 3 Page - Texas Instruments

  TPL5010 Datasheet HTML 1Page - Texas Instruments TPL5010 Datasheet HTML 2Page - Texas Instruments TPL5010 Datasheet HTML 3Page - Texas Instruments TPL5010 Datasheet HTML 4Page - Texas Instruments TPL5010 Datasheet HTML 5Page - Texas Instruments TPL5010 Datasheet HTML 6Page - Texas Instruments TPL5010 Datasheet HTML 7Page - Texas Instruments TPL5010 Datasheet HTML 8Page - Texas Instruments TPL5010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPL5010
VDD
GND
RSTn
WAKE
DELAY/
M_RST
DONE
1
2
3
4
5
6
TPL5010
www.ti.com
SNAS651 – JANUARY 2015
6 Pin Configuration and Functions
6-Lead
SOT23
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
1
VDD
P
Supply voltage
2
GND
G
Ground
3
DELAY/
I
Time Interval set and Manual Reset
Resistance between this pin and GND is used to
M_RST
select the time interval. The reset switch is also
connected to this pin.
4
DONE
I
Logic Input for watchdog
Digital signal driven by the µC to indicate successful
functionality
processing of the WAKE signal.
5
WAKE
O
Timer output signal generated every Digital pulsed signal to wake up the µC at the end of
tIP period.
the programmed time interval.
6
RSTn
O
Reset Output (open drain output)
Digital signal to RESET the µC, pull-up resistance is
required
(1)
G= Ground, P= Power, O= Output, I= Input.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPL5010


同様の部品番号 - TPL5010

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5010 TI1-TPL5010 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010 TI1-TPL5010 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5010DDCR TI1-TPL5010DDCR Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5010DDCT TI1-TPL5010DDCT Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
More results

同様の説明 - TPL5010

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
logo
Maxim Integrated Produc...
MAX44265EVKIT MAXIM-MAX44265EVKIT Datasheet
849Kb / 7P
   1.8V to 5.5V Supply Voltage Range
19-5782; Rev 0; 3/11
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
   1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX9017AEVKIT MAXIM-MAX9017AEVKIT Datasheet
602Kb / 7P
   1.8V to 5.5V Supply Voltage Range Across VDD and VSS
Rev 0; 11/17
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
   Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
logo
Rohm
BR25XX0-10XU-1.8 ROHM-BR25XX0-10XU-1.8 Datasheet
347Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR95XX0-RXX6TP ROHM-BR95XX0-RXX6TP Datasheet
320Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR24CXX-10XU-1.8 ROHM-BR24CXX-10XU-1.8 Datasheet
309Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR93CXX-10XU-1.8 ROHM-BR93CXX-10XU-1.8 Datasheet
283Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com