データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1020D データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM1020D
部品情報  10Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1020D データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1020D_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1020D_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM1020D~SM10100D
Voltage 20V ~ 100 V
10Amp Schottky Barrier Rectifiers
27-Dec-2013 Rev.C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Metallurgically bonded construction
Mounting position: Any
Weight: 1.6 grams
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-263(D
2-PACK)
0.8K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%)
Part Number
Parameter
Symbol
SM1020D
SM1040D
SM1060D
SM10100D
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
100
V
Maximum RMS Voltage
VRMS
20
40
60
100
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
V
Maximum Average Forward Rectified Current
IF
10
A
Peak Forward Surge Current, 8.3 ms single
half sine-wave superimposed on rated load
IFSM
125
A
Maximum Instantaneous Forward Voltage
@ 5A Per Leg
VF
0.55
0.65
0.83
V
TJ=25°C
0.3
0.2
0.1
Maximum Reverse Current at
Rated VR Per Diode
3
TJ=100°C
IR
45
22.5
10
mA
Typical Junction Capacitance
1
CJ
700
460
280
pF
Typical Thermal Resistance
2
RθJC
6
°C / W
Operating & Storage Temperature
TJ ,TSTG
-50~150
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case. FR4 Board Heat sink size: 10*10*0.2mm.
3.
Pulse test: Pulse Width≦300μs, Duty Cycle≦2.0%.
TO-263(D
2-PACK)
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.00
4.85
c2
1.10
1.65
b
0.51
1.00
b2
1.34 REF
L4
0.00
0.30
D
8.0
9.65
C
0.36
0.74
e
2.54 REF
L3
1.50 REF
L
14.6
15.88
L1
1.78
2.79
L2
1.27 REF
E
9.60
10.67


同様の部品番号 - SM1020D_15

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM1020DS1 SECOS-SM1020DS1 Datasheet
165Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

同様の説明 - SM1020D_15

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MBR10100FP CYSTEKEC-MBR10100FP Datasheet
389Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200FP CYSTEKEC-MBR10200FP Datasheet
377Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200J3 CYSTEKEC-MBR10200J3 Datasheet
386Kb / 8P
   10Amp. Schottky Barrier Rectifiers
MBR1060E3 CYSTEKEC-MBR1060E3 Datasheet
157Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10150E3 CYSTEKEC-MBR10150E3 Datasheet
159Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM1060DS1 SECOS-SM1060DS1_15 Datasheet
201Kb / 2P
   10Amp. Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SK1040J3 CYSTEKEC-SK1040J3 Datasheet
250Kb / 6P
   10Amp. Schottky Barrier Rectifiers
MBR10100E3 CYSTEKEC-MBR10100E3 Datasheet
158Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR1060FP CYSTEKEC-MBR1060FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10120FP CYSTEKEC-MBR10120FP Datasheet
161Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM10200DS1 SECOS-SM10200DS1 Datasheet
190Kb / 2P
   10Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com