データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM200508-1 データシート(PDF) 1 Page - DB Unlimited.

部品番号 SM200508-1
部品情報  Released from Engineering
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DBUNLIMITED [DB Unlimited.]
ホームページ  http://www.dbunlimitedco.com/
Logo DBUNLIMITED - DB Unlimited.

SM200508-1 データシート(HTML) 1 Page - DB Unlimited.

  SM200508-1 Datasheet HTML 1Page - DB Unlimited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit
Version
Date
Approved
1
2/5/2014
J.S.
(Hz)
(Hz)
(dBA)
(Ohm)
(W)
(W)
Drawn by
Date
Checked by
Date
Approved by
Date
°C
G.W.
1/27/2014
C.E.
2/4/2014
J.S.
2/5/2014
°C
(g)
Mount Type
Max Power
Weight
2.4
-30 ~ +60
Flush Mount
-30 ~ +60
Storage Temperature
Revision History
Specifications
Frequency Range
SPL @ 10cm
Operating Temperature
SM200508-1
Dynamic Speaker
Shape
Description
Nominal Power
Cone Material
Resonant Frequency
Impedance
1) All dimensions are in mm unless otherwise noted
Value
Round
0.5
2) All parts meet RoHS
Mylar
Description
Released from Engineering
Notes
8
86
500 ~ 10,000
500
0.8
sales@dbunlimitedco.com | www.dbunlimitedco.com
©2014, DB Unlimited
Sheet
1 of 1


同様の部品番号 - SM200508-1

メーカー部品番号データシート部品情報
logo
MIC GROUP RECTIFIERS
SM200 MIC-SM200 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SM200 SPSEMI-SM200 Datasheet
1Mb / 3P
   Surface Mount Devices
logo
Rectron Semiconductor
SM2000 RECTRON-SM2000 Datasheet
269Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANG 2000 Volts CURRENT 1.0 Ampere
logo
Diotec Semiconductor
SM2000 DIOTEC-SM2000 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM2000 SEMIKRON-SM2000 Datasheet
106Kb / 2P
   Standard silicon rectifier diodes
More results

同様の説明 - SM200508-1

メーカー部品番号データシート部品情報
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
   RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
   RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
   RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
   RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
   RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
   RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
   RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
   RELEASED FROM ENGINEERING
logo
DB Unlimited.
IE122303-1 DBUNLIMITED-IE122303-1 Datasheet
300Kb / 1P
   Released from Engineering
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com